Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7614BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7614BBCZ
Description  12-Bit Deep Color with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7614BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADV7614BBCZ Datasheet HTML 1Page - Analog Devices ADV7614BBCZ Datasheet HTML 2Page - Analog Devices ADV7614BBCZ Datasheet HTML 3Page - Analog Devices ADV7614BBCZ Datasheet HTML 4Page - Analog Devices ADV7614BBCZ Datasheet HTML 5Page - Analog Devices ADV7614BBCZ Datasheet HTML 6Page - Analog Devices ADV7614BBCZ Datasheet HTML 7Page - Analog Devices ADV7614BBCZ Datasheet HTML 8Page - Analog Devices ADV7614BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
12-Bit Deep Color with Quad HDMI
Receiver
Data Sheet
ADV7614
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks andregistered trademarks are the property oftheir respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow jitter digital PLL
4:1 multiplexed HDMI receiver
HDMI 1.3a support
36-/30-/24-bit deep color support
Flexible audio interface (DSD, DST,
Dolby® TrueHD, DTS®-HD master audio, and DTS-HD
high resolution audio)
225 MHz HDMI receiver
HDMI repeater support
High-bandwidth digital content protection (HDCP 1.3)
Programmable/adaptive equalizer for cable lengths up to
30 meters
Internal EDID RAM
EDID with HDMI cable power support
CEC support
On-board audio mute controller
General
Highly flexible output interface
12-/10-/8-bit 4:4:4or 12-/10-/8-bit 4:2:2pixel output interface
STDI function support standard identification
Any-to-any 3 × 3 color space conversion matrixes
Free-run time generator
2 programmable interrupt request output pins
Color controls
Low standby power
APPLICATIONS
Advanced TVs
AVR video receivers
PDP HDTVs
LCD TVs (HDTV ready)
OLED HDTVs
LCD/DLP front projectors
HDMI switchers
GENERAL DESCRIPTION
The ADV7614 is a high quality, single-chip integrated 4:1
multiplexed High-Definition Multimedia Interface (HDMI®)
receiver.
The ADV7614 incorporatesa quad input HDMIreceiver that
supportsall HDTVformatsupto 1080pand displays resolutions
up to UXGA (1600 ×1200 at60 Hz). Thereception ofencrypted
video is possible with the inclusion of HDCP. The HDMI
receiver also includes programmable/adaptive equalization that
ensures robust operation of the interface with cable lengths up
to 30 meters.
The ADV7614 provides completeaudiosupport foreight chan-
nels of I2S audio, Sony/Philips digital interface format (S/PDIF)
digital audio output, and super audio CD (SACD)and com-
pressed SACDsupport with direct streamdigital (DSD)and
direct stream transfer (DST)output interfaces, respectively.
The HDMIreceiver also supports high bit rate (HBR)audio
streaming to allow recovery (and downstreamprocessing)of
compressed losslessaudio formats, including Dolby® TrueHD
and DTS®-HD master audio or DTS-HD high resolution audio.
In addition, it also provides an advanced audio functionality,
such as a mute controllerthat prevents audible extraneous noise
in the audio output.
Fabricated in an advanced CMOS process,the ADV7614 is
providedin a space-saving, 260-ball 15 mm×15 mmCSP_BGA
surface-mount, RoHS-compliant package. The ADV7614 is
specified over the −40°C to +70°C temperaturerange.


Similar Part No. - ADV7614BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7614 AD-ADV7614 Datasheet
91Kb / 2P
12-Bit Deep Color Quad HDMI 1.3 Receiver
Rev. Sp0
More results

Similar Description - ADV7614BBCZ

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
HDMI Receiver
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
HDMI Receiver
logo
Analog Devices
ADV7614 AD-ADV7614 Datasheet
91Kb / 2P
12-Bit Deep Color Quad HDMI 1.3 Receiver
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Sep-2013
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
Quad HDMI Fast Switching Receiver
Apr-2012
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com