Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7614BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7614BBCZ
Description  12-Bit Deep Color with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7614BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7614BBCZ Datasheet HTML 8Page - Analog Devices ADV7614BBCZ Datasheet HTML 9Page - Analog Devices ADV7614BBCZ Datasheet HTML 10Page - Analog Devices ADV7614BBCZ Datasheet HTML 11Page - Analog Devices ADV7614BBCZ Datasheet HTML 12Page - Analog Devices ADV7614BBCZ Datasheet HTML 13Page - Analog Devices ADV7614BBCZ Datasheet HTML 14Page - Analog Devices ADV7614BBCZ Datasheet HTML 15Page - Analog Devices ADV7614BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADV7614
Data Sheet
Rev. C | Page 12 of 20
Pin No.
Mnemonic
Type
Description
H17
NC
No connect
Do Not Connect.
H18
NC
No connect
Do Not Connect.
J1
GND
Ground
Ground.
J2
GND
Ground
Ground.
J3
MCLKOUT
Digital output
Audio Master Clock Output.
J4
S/PDIF/DSD0A/DST
Digital output
S/PDIF Digital Audio Output (S/PDIF).
First DSD Data Channel (DSD0A).
DST Stream (DST).
J7
DVDD
Power
Digital Supply Voltage (1.8 V).
J8
GND
Ground
Ground.
J9
GND
Ground
Ground.
J10
GND
Ground
Ground.
J11
GND
Ground
Ground.
J12
GND
Ground
Ground.
J15
XTALN
Miscellaneousanalog
This pin should be connected to the 28.6363 MHz crystal or left as a no connect
pin if an external 1.8 V, 28.6363 MHz clock oscillator source is used to clock the
ADV7614. In crystal mode, the crystal must be a fundamental crystal. A crystal
frequency of 24.576 MHz is also supported.
J16
PVDD
Power
PLL Supply Voltage (1.8 V).
J17
GND
Ground
Ground.
J18
GND
Ground
Ground.
K1
P4
Digital video output
Video Pixel Output Port.
K2
P5
Digital video output
Video Pixel Output Port.
K3
LRCLK/DSD2B/DST_FF Digital output
Data Output Clock. Left and Right Audio Channels (LRCLK).
Sixth DSD Data Channel (DSD2B).
DST Frame (DST_FF).
K4
SCLK/DST_CLK
Digital output
Audio Serial Clock Output (SCLK).
DST Clock (DST_CLK).
K7
DVDD
Power
Digital Supply Voltage (1.8 V).
K8
DVDD
Power
Digital Supply Voltage (1.8 V).
K9
GND
Ground
Ground.
K10
GND
Ground
Ground.
K11
GND
Ground
Ground.
K12
PVDD
Power
PLL Supply Voltage (1.8 V).
K15
PVDD
Power
PLL Supply Voltage (1.8 V).
K16
PVDD
Power
PLL Supply Voltage (1.8 V).
K17
NC
No connect
Do Not Connect.
K18
NC
No connect
Do Not Connect.
L1
P6
Digital video output
Video Pixel Output Port.
L2
P7
Digital video output
Video Pixel Output Port.
L3
I2S3/DSD2A/HBR3
Digital output
I2S Audio (Channel 7 and Channel 8) (I2S3).
Fifth DSD Data Channel (DSD2A).
Fourth Block of HBR Stream (HBR3).
L4
I2S2/DSD1B/HBR2
Digital output
I2S Audio (Channel 5 and Channel 6) (I2S2).
Fourth DSD Data Channel (DSD1B).
Third Block of HBR Stream (HBR2).
L7
DVDD
Power
Digital Supply Voltage (1.8 V).
L8
DVDD
Power
Digital Supply Voltage (1.8 V).
L9
GND
Ground
Ground.
L10
GND
Ground
Ground.
L11
GND
Ground
Ground.
L12
PVDD
Power
PLL Supply Voltage (1.8 V).
L15
NC
No connect
Do Not Connect.
L16
NC
No connect
Do Not Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com