Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7996JC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM7996JC
Description  IEEE 802.3/Ethernet/Cheapernet Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7996JC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM7996JC Datasheet HTML 10Page - Advanced Micro Devices AM7996JC Datasheet HTML 11Page - Advanced Micro Devices AM7996JC Datasheet HTML 12Page - Advanced Micro Devices AM7996JC Datasheet HTML 13Page - Advanced Micro Devices AM7996JC Datasheet HTML 14Page - Advanced Micro Devices AM7996JC Datasheet HTML 15Page - Advanced Micro Devices AM7996JC Datasheet HTML 16Page - Advanced Micro Devices AM7996JC Datasheet HTML 17Page - Advanced Micro Devices AM7996JC Datasheet HTML 18Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AMD
14
Am7996
Notes:
1. Parameters are measured at coax tap. In production test, parameters are measured across at 25
Ω load equivalent to the
coax tap.
2. For conditions shown as Min or Max, use the appropriate value specified under Operating Range for the applicable
device type.
3. Typical values are at VEE = –9.0 V, 25
°C ambient.
4. VTX– wired to VEE.
5. This threshold can be modified externally (see Figure 3).
6. Parameter not tested.
7. Tested on a 5 Mbps preamble (continuous 1010 pattern) measured between 20% and 80% points, test limits correlated to
10% and 90% data sheet limits shown.
8. Determined by Am7966 External Component Diagrams values for R4 and C1.
9. In production test, input signal applied thru transformer to DO
± inputs.
10. Figure 2 used for production testing of all parameters.
*Notes listed correspond to the respective references made in DC Characteristics and Switching Characteristics tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com