Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7996JC Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM7996JC
Description  IEEE 802.3/Ethernet/Cheapernet Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7996JC Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM7996JC Datasheet HTML 10Page - Advanced Micro Devices AM7996JC Datasheet HTML 11Page - Advanced Micro Devices AM7996JC Datasheet HTML 12Page - Advanced Micro Devices AM7996JC Datasheet HTML 13Page - Advanced Micro Devices AM7996JC Datasheet HTML 14Page - Advanced Micro Devices AM7996JC Datasheet HTML 15Page - Advanced Micro Devices AM7996JC Datasheet HTML 16Page - Advanced Micro Devices AM7996JC Datasheet HTML 17Page - Advanced Micro Devices AM7996JC Datasheet HTML 18Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
AMD
18
Am7996
SWITCHING WAVEFORMS
07506E-18
19
20
VOD
0 V
–VOD
24
23
CI±
1/fCI
VOD
0 V
–VOD
80%
20%
DI±
CI±
DI
±/CI± Parameters
07506E-19
COAX
TAP
CI±
VCOTMAX
VCOTMIN
350 mV
21
22
0 V
0 V
VOD
–VOD
–2 V
Collision Detect Timing
Note:
This signal is used for test purposes. It represents the average value of the signal that might be seen on the coax tap when
a collision occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com