Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32AVC Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 54Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 55Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 56Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 57Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 58Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 59Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 60Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 61Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 101 page
background image
58
Am79C30A/32A Data Sheet
Register Number 1 (PPCR1). When this bit is cleared,
the data output pin (SBOUT) is also forced to High-Z
(seen as a High on the system bus due to the external
pullup resistor), and the Am79C30A begins monitoring
the data input pin (SBIN) for the presence of a timing
request from any downstream units.
Activation
Activation can be initiated locally by the processor or re-
motely by one of the downstream units. To activate lo-
cally, the processor sets the activation/deactivation bit in
PPCR1 (starting the clocks), and then proceeds through
the software activation protocol on the C/Ichannel. For
remote activation, the upstream device receives a re-
quest from the downstream device via the data input pin.
When the data input pin (SBIN) goes Low, Am79C30A
will generate an IOM-2 timing-request interrupt, bit 6 in
the Peripheral Port Status Register (PPSR). The proces-
sor must respond to this interrupt, and restart the IOM-2
clocks by setting the activation/deactivation bit in
PPCR1. Once the clocks are running, the downstream
device can request full activation via the C/I channel
using the IOM-2 software protocol.
DSC/IDC Circuit as a Downstream Device
(Clock Slave)
Deactivation
Deactivation is normally initiated by the upstream de-
vice as described above. When the deactivation re-
quest is received by the downstream device over the
C/I channel, the processor must respond by sending
the deactivation indication over the C/I channel. The
upstream device will then send the deactivation confir-
mation command over the C/I channel and stop the
IOM-2 clocks. The Am79C30A will detect that the clock
has stopped (defined as no clock pulse received for
650 ns) and force itself to the deactivated state. In the
deactivated state, SBIN, and SBOUT are both forced to
a High-Z state, and the SCLK input is monitored for any
rising edge that would indicate an activation request
from the upstream device.
Activation
Once again, activation can originate from either the up-
stream or the downstream device. To activate the inter-
face from the downstream device, the processor sets
the activation/deactivation bit in the PPCR1 register.
This will force the Am79C30A to pull its data output pin
(SBIN in this case, since the I/O pin definition is re-
versed when talking to the upstream device) Low,
causing the upstream device to start the IOM-2 clocks.
Once the clocks are running, as indicated by SCLK
input going High, the Am79C30A will generate an
IOM-2 timing request interrupt (bit 6 in PPSR). The pro-
cessor must respond to the interrupt by loading the
proper C/I command response into C/ITRDO, then
clearing the activation/deactivation bit in PPCR1. This
will release the data output pin (SBIN) from being held
Low and allow the processor to complete the activation
procedure by sending the proper commands over the
C/I channel.
When the activation is originated from the upstream
device, the Am79C30A will generate an IOM-2 timing
request interrupt (bit 6 in PPSR) when the IOM-2clocks
become active as indicated by the SCLK input pin
going High. The Am79C30A will begin normal IOM-2
transmission/reception as soon as SCLK appears; no
intervention from the microprocessor is required. How-
ever, the processor must respond to the interrupt and
perform the normal C/I channel software handshakes
before activation will be complete.
TIC Bus Operation
C/I0 Channel Arbitration
Software control for the IOM-2 Bus Accessed (BAC) bit
will be added at bit 7 of CITDR0, which is currently re-
served. It will be referred to as the BAR, “Bus Access
Request” bit. This bit will be used to gain access to the
C/I0 channel when TIC bus supp or t is enabl ed
(PPCR3.3=1). The BAR bit should be set whenever the
DSC has C/I0 data available to transmit. When
CITDR0.7=1, the TIC bus will arbitrate access to the
C/I0 channel with other devices on the IOM-2 interface
using the TIC address programmed into PPCR3.2–0.
The TIC bus control logic will check to see if the BAC
bit on the line is 0 or 1 to determine if another down-
stream device currently owns the bus. If zero, the DSC
will wait. Once a one is detected in BAC, the logic will
place the DSC's TIC bus address on the open drain
output. It will then sample this output with the IOM-2 re-
ceived data strobe timing to check for conflict with other
downstream devices. If the received TIC address and
the contents of PPCR3.2–0 match, the logic will set the
BAC output to “0” indicating to other downstream de-
vices that the DSC has taken control of the D and C/I0
channels.
After it sets its BAC output to 0, the logic will compare
the TIC address on the line with PPCR3.2–0 in one
more frame to ensure ownership of the bus. If a mis-
compare occurs, the DSC will set its BAC output to 1
and return to the beginning of arbitration.
Once access is gained, the D and C/I0 channels are
the possession of the DSC. This allows the DSC to
complete C/I0 communication with the Layer 1 device
without interruption from other downstream devices.
(Since the TIC bus is used for arbitration of both D and
C/I0 channel communication, gaining access for one
implicitly gives you access to the other). After the DSC
completes C/I0 communication, software should set
CITDR0.7=0 to allow other downstream devices ac-
cess to the D and C/I0 channels. The logic will set the
BAC bit output of the DSC back to 1, as long as the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com