Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32AVC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 11Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 12Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 13Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 14Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 15Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 16Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 17Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 18Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
Am79C30A/32A Data Sheet
15
Line Interface Unit (LIU)
The LIU connects to the four-wire S Interface through a
pair of isolation transformers, one for the transmit and
one for the receive direction, as shown in Figure 1.
The receiver section of the LIU consists of a differential
receiver, circuitry for bit timing recovery, circuitry for de-
tecting High and Low marks, and a frame recovery cir-
cuit for frame synchronization. The receiver converts
the received pseudo-ternary coded signals to binary
before delivering them to the other blocks of the
Am79C30A/32A. It also performs collision detection (E-
and D-bit comparison) per the CCITT recommenda-
tions so several TEs can be connected to the same S
Interface.
The transmitter consists of a binary to pseudo-ternary
encoder and a differential line driver which meets the
CCITT recommendations for the S Interface.
The Am79C30A/32A can establish multiframe synchro-
nization, receive S bits, and transmit Q bits synchro-
nized to the received frame.
External Interface
The LIU can be connected to both point-to-point and
point-to-multipoint configurations at the CCITT S refer-
ence point. The point-to-point configuration consists of
one TE connected to the NT or PABX linecard. The
DLC
D-channel Mode Register 1
6
DMR1
R/W
86H
One byte transferred
DLC
D-channel Mode Register 2
7
DMR2
R/W
87H
One byte transferred
DLC
—
8
Perform 1–7
—
88H
4 bytes loaded 1–7
DLC
D-channel Receive Byte Count
Register
9
DRCR
R
89H
LSB, MSB
DLC
Random Number Generator
Register
10
RNGR1 (LSB)
R/W
8AH
One byte transferred
DLC
Random Number Generator
Register
11
RNGR2 (MSB)
R/W
8BH
One byte transferred
DLC
First Received Byte Address
Register 4
12
FRAR4
R/W
8CH
One byte transferred
DLC
Second Received Byte Address
Register 4
13
SRAR4
R/W
8DH
One byte transferred
DLC
D-channel Mode Register 3
14
DMR3
R/W
8EH
One byte transferred
DLC
D-channel Mode Register 4
15
DMR4
R/W
8FH
One byte transferred
DLC
—
16
Perform 12–15
—
90H
FRAR4, SRAR4, DMR3,
DMR4
DLC
Address Status Register
17
ASR
R
91H
One byte transferred
DLC
Extended FIFO Control Register
18
EFCR
R/W
92H
One byte transferred
PP
Peripheral Port Control Register 1
1
PPCR1
R/W
C0H
One byte transferred
PP
Peripheral Port Status Register
2
PPSR
R
C1H
One byte transferred
PP
Peripheral Port Interrupt Enable
Register
3
PPIER
R/W
C2H
One byte transferred
PP
Monitor Transmit Data Register
4
MTDR
W
C3H
One byte transferred
PP
Monitor Receive Data Register
5
MRDR
R
C3H
One byte transferred
PP
C/I Transmit Data Register 0
6
CITDR0
W
C4H
One byte transferred
PP
C/I Receive Data Register 0
7
CIRDR0
R
C4H
One byte transferred
PP
C/I Transmit Data Register 1
8
CITDR1
W
C5H
One byte transferred
PP
C/I Receive Data Register 1
9
CIRDR1
R
C5H
One byte transferred
PP
Peripheral Port Control Register 2
10
PPCR2
R/W
C8H
One byte transferred
PP
Peripheral Port Control Register 3
11
PPCR3
R/W
C9H
One byte transferred
Table 7.
Indirect Register Access Guide (Continued)
Operation
Block
Register
Register
Number
Indirect Name
Mode
Address
Byte Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com