Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C970A Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 65Page - Advanced Micro Devices AM79C970A Datasheet HTML 66Page - Advanced Micro Devices AM79C970A Datasheet HTML 67Page - Advanced Micro Devices AM79C970A Datasheet HTML 68Page - Advanced Micro Devices AM79C970A Datasheet HTML 69Page - Advanced Micro Devices AM79C970A Datasheet HTML 70Page - Advanced Micro Devices AM79C970A Datasheet HTML 71Page - Advanced Micro Devices AM79C970A Datasheet HTML 72Page - Advanced Micro Devices AM79C970A Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 219 page
background image
P R E L I M I N A R Y
AMD
69
Am79C970A
The following figure illustrates the relationship between
the initialization base address, the initialization block,
the
receive
and
transmit
descriptor
ring
base
addresses, the receive and transmit descriptors and the
receive and transmit data buffers, when SSIZE32 is set
to ONE.
19436A-36
Initialization
Block
CSR1
CSR2
Rcv
Buff
RMD
RMD
RMD
RMD
Rcv Descriptor
Ring
N
N
N
N
1st
desc.
start
2nd
desc.
start
RMD
Xmt
Buff
TMD0
TMD1 TMD2 TMD3
Xmt Descriptor
Ring
M
M
M
M
1st
desc.
start
2nd
desc.
start
TMD0
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
2
Data
Buffer
1
PADR[31:0]
IADR[31:16]
IADR[15:0]
TLE RES RLE RES
MODE
PADR[47:32]
RES
LADRF[31:0]
LADRF[63:32]
RDRA[31:0]
TDRA[31:0]
Figure 33. 32-bit Software Model
Polling
If there is no network channel activity and there is no
pre- or post-receive or pre- or post-transmit activity be-
ing performed by the PCnet-PCI II controller, then the
PCnet-PCI II controller will periodically poll the current
receive and transmit descriptor entries in order to ascer-
tain their ownership. If the DPOLL bit in CSR4 is set,
then the transmit polling function is disabled.
A typical polling operation consists of the following: The
PCnet-PCI II controller will use the current receive de-
scriptor address stored internally to vector to the
appropriate Receive Descriptor Table Entry (RDTE). It
will then use the current transmit descriptor address
(stored internally) to vector to the appropriate Transmit
Descriptor Table Entry (TDTE). The accesses will be
made in the following order: RMD1, then RMD0 of the
current RDTE during one bus arbitration, and after that,
TMD1, then TMD0 of the current TDTE during a second
bus arbitration. All information collected during polling
activity will be stored internally in the appropriate CSRs,
if the OWN bit is set. (i.e. CSR18, CSR19, CSR20,
CSR21, CSR40, CSR42, CSR50, CSR52).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com