Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C970A Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 93Page - Advanced Micro Devices AM79C970A Datasheet HTML 94Page - Advanced Micro Devices AM79C970A Datasheet HTML 95Page - Advanced Micro Devices AM79C970A Datasheet HTML 96Page - Advanced Micro Devices AM79C970A Datasheet HTML 97Page - Advanced Micro Devices AM79C970A Datasheet HTML 98Page - Advanced Micro Devices AM79C970A Datasheet HTML 99Page - Advanced Micro Devices AM79C970A Datasheet HTML 100Page - Advanced Micro Devices AM79C970A Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 219 page
background image
P R E L I M I N A R Y
AMD
97
Am79C970A
Power Savings Modes
The PCnet-PCI II controller supports two hardware
power savings modes. Both are entered by driving the
SLEEP pin LOW.
The power down mode that yields the most power sav-
ings is called coma mode. In coma mode, the entire
device is shut down. All inputs are ignored except the
SLEEP pin itself. Coma mode is enabled when AWAKE
(BCR2, bit 2) is at its default value of ZERO and
SLEEP
is asserted.
The second power saving mode is called snooze mode.
In snooze mode, enabled by setting AWAKE to ONE
and driving the
SLEEP pin LOW, the T-MAU receive cir-
cuitry will remain active even while the
SLEEP pin is
driven LOW. The
LNKST output is the only one of the
LED pins that continues to function. All other sections of
the device are shut down. The LNKSTE bit must be set
in BCR4 to enable indication of a good 10BASE-T link if
there are link beat pulses or valid frames present. This
LNKST pin can be used to drive an LED and/or external
hardware that directly controls the
SLEEP pin of the
PCnet-PCI II controller. This configuration effectively
wakes the system when there is any activity on the
10BASE-T link. Snooze mode can be used only if the
T-MAU is the selected network port. Link beat pulses
are not transmitted during snooze mode.
The
SLEEP pin must not be asserted while the PCnet-
PCI II controller is requesting the bus or while a slave or
bus master cycle is in progress. A recommended
method is to set the PCnet-PCI II controller into
suspend mode by setting the SPND bit in CSR5 to ONE
prior to asserting the
SLEEP pin. Another recom-
mended method is to
stop the device by setting the
STOP bit in CSR0 to ONE prior to asserting the
SLEEP pin.
Before the sleep mode is invoked, the PCnet-PCI II
controller will perform an internal S_RESET. This
S_RESET operation will not affect the values of the BCR
registers or the PCI configuration space. S_RESET ter-
minates all network activity abruptly. The host can use
the suspend mode (SPND, CSR5, bit 0) to terminate all
network activity in an orderly sequence before issuing
an S_RESET.
When coming out of the sleep mode, the PCnet-PCI II
controller can be programmed to generate an interrupt
and inform the driver about the wake-up. The
PCnet-PCI II controller will set SLPINT (CSR5, bit 9),
when coming out of the sleep mode.
INTA will be
asserted, when the enable bit SLPINTE (CSR5, bit 8) is
set to ONE. Note that the assertion of
INTA due to
SLPINT is not dependent on the main interrupt enable
bit INEA (CSR0, bit 6), which will be cleared by the reset
going into the sleep mode.
The
SLEEP pin should not be asserted during power
supply ramp-up. If it is desired that
SLEEP be asserted
at power up time, then the system must delay the asser-
tion of
SLEEP until three clock cycles after the comple-
tion of a hardware reset operation.
IEEE 1149.1 Test Access Port Interface
An IEEE 1149.1 compatible boundary scan Test Access
Port is provided for board level continuity test and diag-
nostics. All digital input, output and input/output pins are
tested. Analog pins, including the AUI differential driver
(DO
±) and receivers (DI±, CI±), and the crystal input
(XTAL1/XTAL2) pins, are not tested. The T-MAU drivers
TXD
±, TXP± and receiver RXD± are also not tested.
The following is a brief summary of the IEEE 1149.1
compatible
test
functions
implemented
in
the
PCnet-PCI II controller.
Boundary Scan Circuit
The boundary scan test circuit requires four pins (TCK,
TMS, TDI and TDO), defined as the Test Access Port
(TAP). It includes a finite state machine (FSM), an in-
struction register, a data register array, and a power-on
reset circuit. Internal pull-up resistors are provided for
the TDI, TCK, and TMS pins. The boundary scan circuit
remains active during Sleep mode.
TAP Finite State Machine
The TAP engine is a 16-state finite state machine
(FSM), driven by the Test Clock (TCK) and the Test
Mode Select (TMS) pins. An independent power-on
reset circuit is provided to ensure the FSM is in the
TEST_LOGIC_RESET state at power-up. The FSM
is also reset when TMS and TDI are high for five
TCK periods.
Supported Instructions
In addition to the minimum IEEE 1149.1 requirements
(BYPASS, EXTEST, and SAMPLE instructions), three
additional
instructions
(IDCODE,
TRIBYP
and
SETBYP) are provided to further ease board-level test-
ing. All unused instruction codes are reserved. See the
following table for a summary of supported instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com