Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C970AVCW Datasheet(PDF) 215 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 215 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 211Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 212Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 213Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 214Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 215Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 216Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 217Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 218Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 219Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 215 / 219 page
background image
E-1
Am79C970A
PCnet-PCI II and PCnet-PCI Differences
APPENDIX E
OVERVIEW
This appendix summarizes the enhancements of the
PCnet-PCI II controller over the PCnet-PCI controller.
The feature summary is followed by a detailed list of all
register bit changes. The document also compares the
pinout of the PCnet-PCI II controller with the pinout of
the PCnet-PCI and PCnet-SCSI (also known as Golden
Gate) to show that the Flex-I/O footprint is continued to
be supported.
NEW FEATURES
s Three Volt support for PCI bus interface
s Full Duplex Ethernet
s 272-byte Transmit FIFO, 256-byte Receive FIFO
s Enhanced PCI bus transfer cycles:
— No more address stepping
— Initialization Block read in non-burst (default) or
burst mode
— Added new software style and reordered the
descriptor entries to allow burst transfers for
both, descriptor read and write accesses
— FIFO DMA bursts length programmable from 1
to indefinite
— Type of memory command for burst read trans-
fers programmable to be either Memory Read
Line or Memory Read Multiple (controlled by
MEMCMD, BCR18, bit 9)
— Support for fast back-to-back slave transactions
even when the first transaction is addressing a
different target MEMCMD, BCR18, bit 9)
— Enhanced disconnect of I/O burst access
s Allows I/O resources to be memory mapped
s Eight-bit programmable PCI Latency Timer.
MIN_GNT and MAX_LAT programmable via
EEPROM
s System interrupt for data parity error, master abort
or target abort in master cycles
s Network activity is terminated in an orderly se-
quence after a master or target abort
s Advanced parity error handling. Mode has enable
bit and status bit in RMD1 and TMD1. All network
activity is terminated in an orderly sequence. Will
only work with 32-bit software structures.
s All registers in the PCI configuration space are
cleared by H_RESET
s Expansion ROM interface supporting devices of up
to 64 K x 8. One external address latch is required.
s Reading from the S_RESET port returns
TRDY
right away
s
REQ deassertion programmable to adapt to the
requirements of some embedded systems
s
INTA pin programmable for pulse mode to adapt to
the requirements of some embedded systems
s Some previously reserved locations in the
EEPROM map are now used for new features
s Suspend mode for graceful stop and access to
the CSR without reinitialization
s User Interrupt
s Reduced number of transmit interrupts:
— Transmit OK disable (CSR5, bit 15). When bit
is set to ONE, a transmit interrupt is only gener-
ated on frames that suffer an error.
— Last Transmit Interrupt. TMD1, bit 28 is read by
the PCnet-PCI II controller to determine if an
interrupt should be generated at the end of the
frame. Only interrupts for successful transmis-
sion can be suppressed. Enabled by LTINTEN
(CSR5, bit 14).
s Disable Transmit Stop on Underflow (CSR3, bit 6)
bit. PCnet-PCI controller recovers automatically
from transmit underflow.
s Interrupt indication when coming out of sleep mode
s Interrupt indication for Excessive Deferral
s Address match information in Receive Descriptor
s Asserting
SLEEP shuts down the entire device
s S_RESET (reading the RESET register) does not
affect the TMAU, except for the T-MAU in snooze
mode
s LED registers programmable via EEPROM.
s Magic Packet Mode
s EADI interface. Multiplexed with the same LED
pins as for the PCnet-32.
s GPSI interface. Multiplexed with the Expansion
ROM interface. Use of the Expansion ROM first,
then configuring the pins to the GPSI mode
is supported.
s JTAG interface
s Fourth LED supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com