Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C970AVCW Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 46Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 47Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 48Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 49Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 50Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 51Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 52Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 53Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 219 page
background image
AMD
P R E L I M I N A R Y
50
Am79C970A
Target Abort
The figure below shows a target abort sequence. The
target asserts
DEVSEL for one clock. It then deasserts
DEVSEL and asserts STOP on clock 4. A target can use
the target abort sequence to indicate that it cannot serv-
ice the data transfer and that it does not want the
transaction to be retried. Additionally, the PCnet-PCI II
controller cannot make any assumption about the suc-
cess of the previous data transfers in the current trans-
action. The PCnet-PCI II controller terminates the
current transfer with the deassertion of
FRAME on clock
5 and of
IRDY one clock cycle later. It finally releases the
bus on clock 6.
Since data integrity is not guaranteed, the PCnet-PCI II
controller cannot recover from a target abort event. The
PCnet-PCI II controller will reset all CSR locations to
their STOP_RESET values. The BCR and PCI
configuration registers will not be cleared. Any on-going
network transmission is terminated in an orderly se-
quence. If less than 512 bits have been transmitted onto
the network, the transmission will be terminated imme-
diately, generating a runt packet. If 512 bits or more
have been transmitted, the message will have the cur-
rent FCS inverted and appended at the next byte bound-
ary to guarantee an FCS error is detected at the
receiving station.
RTABORT (PCI Status register, bit 12) will be set to indi-
cate that the PCnet-PCI II controller has received a tar-
get abort. In addition, SINT (CSR5, bit 11) will be set to
ONE. When SINT is set,
INTA is asserted if the enable
bit SINTE (CSR5, bit 10) is set to ONE. This mechanism
can be used to inform the driver of the system error. The
host can read the PCI Status register to determine the
exact cause of the interrupt.
19436A-22
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
1
23456
ADDR
0000
0111
PAR
PAR
PAR
DATA
DEVSEL is sampled
STOP
Figure 19. Target Abort



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com