Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C981 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 19Page - Advanced Micro Devices AM79C981 Datasheet HTML 20Page - Advanced Micro Devices AM79C981 Datasheet HTML 21Page - Advanced Micro Devices AM79C981 Datasheet HTML 22Page - Advanced Micro Devices AM79C981 Datasheet HTML 23Page - Advanced Micro Devices AM79C981 Datasheet HTML 24Page - Advanced Micro Devices AM79C981 Datasheet HTML 25Page - Advanced Micro Devices AM79C981 Datasheet HTML 26Page - Advanced Micro Devices AM79C981 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AMD
PRELIMINARY
1–93
Am79C981
IMR+ Chip External Components
Figure 6 shows a typical twisted pair port external com-
ponents schematic. The resistors used should have a
1% tolerance to ensure interoperability with 10BASE-T
compliant networks. The filters and pulse transformers
are necessary devices that have a major influence on
the performance and compliance of the 10BASE-T ports
of the repeater. Specifically, the transmitted waveforms
are heavily influenced by the filter characteristics and
the twisted pair receivers employ several criteria to con-
tinuously monitor the incoming signal’s amplitude and
timing characteristics to determine when and if to assert
the internal carrier sense. For these reasons, it is crucial
that the values and tolerances of the external compo-
nents be as specified. Several manufacturers produce a
module that combines the functions of the transmit and
receive filters and the pulse transformers into one
package.
Notes:
1. Compatible filter modules, with a brief description of package type and features are included in the Appendix.
2. The resistor values are recommended for general purpose use and should allow compliance to the 10BASE-T specification
for template fit and jitter performance. However, the overall performance of the transmitter is also affected by the transmit
filter configuration.
17306B-12
1.21K
Ω
100
Ω
61.9
Ω
422
Ω
XMT
Filter
RCV
Filter
Filter &
Transformer
Module
Note 1
Note 2
TXP+
TXD–
TXP–
TXD+
RXD+
RXD–
61.9
Ω
422
Ω
RJ45
Connector
TD+
TD–
RD+
RD–
3
6
1
2
1:1
1:1
Am79C981
Figure 7a. Typical TP Port External Components
17306B-13
DO–
DI+
DI–
CI+
CI–
DO+
Pulse
Transformer
Note 1
40.2
Ω
Optional
ANLG GND
0.1
µF
0.1
µF
AUI
Connector
40.2
Ω
40.2
Ω
40.2
Ω
3
10
5
12
2
9
Am79C981
Notes:
1. Compatible AUI transformer modules, with a brief description of package type and features are included in the Appendix.
2. The differential input DI
± and the CI± pairs are externally terminated by two 40.2 Ω ±1% resistors and one optional common-
mode bypass capacitor. The differential input impedance, ZIDF, and the common-mode input impedance, ZICM, are speci-
fied so that the Ethernet specification for cable termination impedance is met using standard 1% resistor terminators. If SIP
devices are used, 39
Ω is the nearest usable equivalent value.
Figure 7b. Typical AUI Port Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com