Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C981 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 7Page - Advanced Micro Devices AM79C981 Datasheet HTML 8Page - Advanced Micro Devices AM79C981 Datasheet HTML 9Page - Advanced Micro Devices AM79C981 Datasheet HTML 10Page - Advanced Micro Devices AM79C981 Datasheet HTML 11Page - Advanced Micro Devices AM79C981 Datasheet HTML 12Page - Advanced Micro Devices AM79C981 Datasheet HTML 13Page - Advanced Micro Devices AM79C981 Datasheet HTML 14Page - Advanced Micro Devices AM79C981 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AMD
PRELIMINARY
1–81
Am79C981
Expansion Port
The IMR+ chip Expansion Port is comprised of five pins;
two are bi-directional signals (DAT and JAM), two are in-
put signals (
ACK and COL), and one is an output signal
(
REQ). These signals are used when a multiple-IMR+
device repeater application is employed. In this configu-
ration, all IMR+ chips must be clocked synchronously
with a common clock connected to the X1 inputs of all
IMR+ devices. Reset needs to be synchronized to
X1 clock.
The IMR+ device expansion scheme allows the use of
multiple IMR+ chips in a single board repeater or a
modular multiport repeater with a backplane architec-
ture. The DAT pin is a bidirectional I/O pin which can be
used to transfer data between the IMR+ devices in a
multiple-IMR+ chip design. The data sent over the DAT
line is in NRZ format and is synchronized to the common
clock. The JAM pin is another bidirectional I/O pin that is
used by the active IMR+ chip to communicate its internal
status to the remaining (inactive) IMR+ devices. When
JAM is asserted HIGH, it indicates that the active IMR+
device has detected a collision condition and is generat-
ing Jam Sequence. During this time when JAM is as-
serted HIGH, the DAT line is used to indicate whether
the active IMR+ chip is detecting collision on one port
only or on more than one port. When DAT is driven
HIGH by the IMR+ chip (while JAM is asserted by the
IMR+ chip), then the active IMR+ device is detecting a
collision condition on one port only. This ‘one-port-left’
signaling is necessary for a multiple-IMR+ device re-
peater to function correctly as a single multiport repeater
unit. The IMR+ chip also signals the ‘one port left’ colli-
sion condition in the event of a runt packet or collision
fragment; this signal will continue for one expansion port
bus cycle (100 ns) before deasserting
REQ.
The arbitration for access to the bussed bi-directional
signals (DAT and JAM) is provided by one output (
REQ)
and two inputs (
ACK and COL). The IMR+ chip asserts
the
REQ pin to indicate that it is active and wishes to
drive the DAT and JAM pins. An external arbiter senses
the
REQ lines from all the IMR+ devices and asserts the
ACK line when one and only one IMR+ chip is asserting
its
REQ line. If more than one IMR+ chip is asserting its
REQ line, the arbiter must assert the COL signal, indi-
cating that more than one IMR+ device is active. More
than one active IMR+ device at a time constitutes a colli-
sion condition, and all IMR+ devices are notified of this
occurence via the
COL line of the Expansion Port.
Note that a transition from multiple IMR+ devices arbi-
trating for the DAT and JAM pins (with
COL asserted,
ACK deasserted) to a condition when only one IMR+
chip is arbitrating for the DAT and JAM pins (with
ACK
asserted,
COL deasserted) involves one expansion port
bus cycle (100 ns). During this transitional bus cycle,
COL is deasserted, ACK is asserted, and the DAT and
JAM pins are not driven. However, each IMR+ device
will remain in the collision state (transmitting jam se-
quence) during this transitional bus cycle. In subse-
quent expansion port bus cycles (
REQ and ACK still
asserted), the IMR+ devices will return to the ‘master
and slaves’ condition where only one IMR+ device is ac-
tive (with collision) and is driving the DAT and JAM pins.
An understanding of this sequence is crucial if non-
IMR+ devices (such as an Ethernet controller) are con-
nected to the expansion bus. Specifically, the last
device to back off of the Expansion Port after a multi-
IMR+ chip collision must assert the JAM line until it too
drops its request for the Expansion Port.
External Arbiter
A simple arbitration scheme is required when multiple
IMR+ devices are connected together to increase the to-
tal number of repeater ports. The arbiter should have
one input (
REQ1...REQn) for each of the n IMR+ de-
vices to be used, and two global outputs (
COL and
ACK). This function is easily implemented in a PAL® de-
vice, with the following logic equations:
ACK =
REQ1 &
REQ2 & REQ3 & ....REQn
+
REQ1 & REQ2 & REQ3 & ....REQn
•
•
•
+
REQ1 & REQ2 & REQ3 & .... REQn
COL =
ACK & (REQ1 + REQ2 + REQ3 + ... REQn)
Above equations are in positive logic, i.e., a variable is
true when asserted.
A single PALCE16V8 will perform the arbitration func-
tion for a repeater based on several IMR+ devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com