Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP8670 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AFP8670
Description  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP8670 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AFP8670 Datasheet HTML 5Page - Panasonic Semiconductor AFP8670 Datasheet HTML 6Page - Panasonic Semiconductor AFP8670 Datasheet HTML 7Page - Panasonic Semiconductor AFP8670 Datasheet HTML 8Page - Panasonic Semiconductor AFP8670 Datasheet HTML 9Page - Panasonic Semiconductor AFP8670 Datasheet HTML 10Page - Panasonic Semiconductor AFP8670 Datasheet HTML 11Page - Panasonic Semiconductor AFP8670 Datasheet HTML 12Page - Panasonic Semiconductor AFP8670 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Home sensor
ON
XA ON
2000Hz
100Hz
0Hz
150ms
X-axis
(CH0)
Y-axis
(CH2)
5000
2000
Pass position P
(X 9396, Y -3420)
Target position E
(X 8660, Y -5000)
Current position S
(X 5000, Y 8660)
Center position O
(Xo,Yo)
ON
OFF
300Hz
0Hz
XB (JOG command)
Y0 (Pulse)
θ
Home sensor
ON
XA ON
2000Hz
100Hz
0Hz
150ms
X-axis
(CH0)
Y-axis
(CH2)
5000
2000
Pass position P
(X 9396, Y -3420)
Target position E
(X 8660, Y -5000)
Current position S
(X 5000, Y 8660)
Center position O
(Xo,Yo)
ON
OFF
300Hz
0Hz
XB (JOG command)
Y0 (Pulse)
θ
Home sensor
ON
XA ON
2000Hz
100Hz
0Hz
150ms
X-axis
(CH0)
Y-axis
(CH2)
5000
2000
Pass position P
(X 9396, Y -3420)
Target position E
(X 8660, Y -5000)
Current position S
(X 5000, Y 8660)
Center position O
(Xo,Yo)
ON
OFF
300Hz
0Hz
XB (JOG command)
Y0 (Pulse)
θ
Home sensor
ON
XA ON
2000Hz
100Hz
0Hz
150ms
X-axis
(CH0)
Y-axis
(CH2)
5000
2000
Pass position P
(X 9396, Y -3420)
Target position E
(X 8660, Y -5000)
Current position S
(X 5000, Y 8660)
Center position O
(Xo,Yo)
ON
OFF
300Hz
0Hz
XB (JOG command)
Y0 (Pulse)
θ
9
FP
S (Sigma) positioning
High-speed, high precision positioning
Home search automatically reverses the motor rotation when
Over limit input(+) or Over limit input (-) is input and their
searches for the home position or near home position in order
to return to it automatically.
This refers to an operation in which the motor is rotated only
while operation commands are being input. This is used to
forcibly rotate the motor using input from an external switch,
for instance when making adjustments. Depending on the
circumstances, unlimited feeding can be accomplished with
the JOG operation in some cases.
Linear interpolation
Positioning Iocus.

Circular interpolation
Positioning Iocus.

Center-radial

setting methods are
also available.
A control function that automatically defines the continuum of
points in a straight line based on only two coordinate positions.
Allows points to be smoothly traversed by arced paths for which
the user specifies the orientation plane, the radius of curvature,
motion path profile and direction of motion.
Home position return
Pulse output diagram

(when the home position proximity input is not used).
JOG operation
Pulse output diagram.

Programming with convenient and
easy-to-understand instructions
Uses a preset value table for starting speed, target speed,

acceleration/deceleration time, and other factors. Easy-to-
understand programming is possible since numbers can be
specified intuitively.
Comes with dedicated instructions for each mode:

trapezoidal control, home return, JOG operation, free table
operation, linear interpolation, and circular interpolation.
Selectable home return mode
The home return method may be specified even in

situations such as when only a single sensor is being
used, depending on the design.
When the home position return is completed, a deviation

counter clear signal can also be output.
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com