Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP8670 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # AFP8670
Description  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP8670 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button AFP8670 Datasheet HTML 10Page - Panasonic Semiconductor AFP8670 Datasheet HTML 11Page - Panasonic Semiconductor AFP8670 Datasheet HTML 12Page - Panasonic Semiconductor AFP8670 Datasheet HTML 13Page - Panasonic Semiconductor AFP8670 Datasheet HTML 14Page - Panasonic Semiconductor AFP8670 Datasheet HTML 15Page - Panasonic Semiconductor AFP8670 Datasheet HTML 16Page - Panasonic Semiconductor AFP8670 Datasheet HTML 17Page - Panasonic Semiconductor AFP8670 Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
FP
S (Sigma) Flexible Network Slave units
Powerful, modular network units
PROFIBUS
Plug-in module
AFPN-AB6200
DeviceNet
Plug-in module
AFPN-AB6201
CANopen
Plug-in module
AFPN-AB6218
Item
PROFIBUS
DeviceNet
CANopen
Baud rate
Automatic baud rate detection
9.6kbaud to 12Mbaud
125kbps to 500kbps
10kbps to 1Mbps
Isolation
Galvanically isolated bus electronics
Connection
types
DP-V0: process data is
accessed from the
PROFIBUS network as
cyclical I/O data
Cyclic connections
•
COS (Change of State)
•
Bit strobe connections
•
Polled connections
•
Explicit connections
•
PDO (Process Data
Object) exchange via:
Cyclic synchronous
•
Acyclic synchronous
•
COS
•
Timer-driven connections
•
Maximum
inputs/
outputs
76 words altogether for
inputs and outputs
(in units of 1.2 or 4 words)
E.g. for cyclic connec-
tions: 128 words in each
direction
128 words
(for TPDOs and RPDOs)
Additional
features
Diagnostic support
UCMM capable
•
CIP parameter object
•
Diagnostic support
•
Diagnostic support
Interface
DB9F
(9-pin D-Sub female)
5-pin terminal block
DB9M (9-pin D-sub male)
The Flexible Network Slave (FNS) units are powerful, modular network units used together with the programmable controllers
FP
S (Sigma). By exchanging compact network blocks, you can connect to various networking systems without having to modify
your entire hardware platform. The blocks are available for three bus systems: PROFIBUS, DeviceNet and CANopen. Others are
planned for the future.
Flexible Plug-In Network modules
The world’s first in a PLC
No special tools are required for mounting. You can mount the blocks in the device at any phase between manufacturer and end
customer without having to worry about special protective provisions.
Advantages:
Wide range of connectivity solutions for FP

S (Sigma) and FP2/FP2SH.
One PLC hardware platform for several bus systems.

Fast reaction on new market trends possible with existing units

.
No additional hardware development needed. You need only to exchange
the network block.
Very small and compact size.

For each network type ready-made function libraries are available for the programming software
FPWIN Pro, which can be downloaded from Panasonic Electric Works’ internet homepage. These libraries will drastically shorten
the time needed to develop your applications and consequently save valuable human resource costs. They also include a complete
online help file and programming examples. In addition, you need the GSD or EDS files which describe how the slave modules
communicate with the master module. Also these can be downloaded from the same internet homepage.
Free download for FNS-related files:
www.panasonic-electric-works.com
FNS (Flexible Network Slave) specifications:
FPG-FNS
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com