Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5160STR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN5160STR-E
Description  Single channel high side driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5160STR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN5160STR-E Datasheet HTML 5Page - STMicroelectronics VN5160STR-E Datasheet HTML 6Page - STMicroelectronics VN5160STR-E Datasheet HTML 7Page - STMicroelectronics VN5160STR-E Datasheet HTML 8Page - STMicroelectronics VN5160STR-E Datasheet HTML 9Page - STMicroelectronics VN5160STR-E Datasheet HTML 10Page - STMicroelectronics VN5160STR-E Datasheet HTML 11Page - STMicroelectronics VN5160STR-E Datasheet HTML 12Page - STMicroelectronics VN5160STR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
VN5160S-E
Electrical specifications
Doc ID 13493 Rev 5
9/31
2.3
Electrical characteristics
Values specified in this section are for 8V<VCC<36V; -40°C<Tj<150°C, unless otherwise
stated.
Table 6.
Power section
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VCC
Operating supply
voltage
4.5
13
36
V
VUSD
Undervoltage shutdown
3.5
4.5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
RON
(1)
1.
Guaranteed by design/characterization
On-state resistance
IOUT=1A; Tj=25°C
IOUT=1A; Tj=150°C
IOUT=1A; VCC=5V; Tj=25°C
160
320
210
m
m
m
Vclamp
Clamp voltage
IS= 20mA
41
46
52
V
IS
Supply current
Off-state; VCC=13V; VIN=VOUT=0V;
Tj=25°C;
On-state; VCC=13V; VIN=5V;
IOUT=0A
2(2)
1.9
2.
PowerMOS leakage included
5(1)(2)
3.5
µA
mA
IL(off1)
Off-state output
current(2)
VIN=VOUT=0V; VCC=13V; Tj=25°C
VIN=VOUT=0V; VCC=13V; Tj=125°C
0
0
0.01
3
5
µA
IL(off2)
VIN= 0V; VOUT= 4V
-75
0
VF
Output - VCC diode
voltage
-IOUT= 0.6A; Tj= 150°C
0.7
V
Table 7.
Switching (VCC =13V; Tj = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL= 13 (see Figure 6)10
µs
td(off)
Turn-off delay time
RL= 13(see Figure 6)15
µs
dVOUT/dt(on) Turn-on voltage slope RL= 13
See Figure 21
V
µs
dVOUT/dt(off) Turn-off voltage slope RL= 13
See Figure 22
V
µs
WON
Switching energy
losses during twon
RL= 13(see Figure 6)0.04
mJ
WOFF
Switching energy
losses during twoff
RL= 13(see Figure 6)0.04
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com