Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5160STR-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN5160STR-E
Description  Single channel high side driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5160STR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN5160STR-E Datasheet HTML 9Page - STMicroelectronics VN5160STR-E Datasheet HTML 10Page - STMicroelectronics VN5160STR-E Datasheet HTML 11Page - STMicroelectronics VN5160STR-E Datasheet HTML 12Page - STMicroelectronics VN5160STR-E Datasheet HTML 13Page - STMicroelectronics VN5160STR-E Datasheet HTML 14Page - STMicroelectronics VN5160STR-E Datasheet HTML 15Page - STMicroelectronics VN5160STR-E Datasheet HTML 16Page - STMicroelectronics VN5160STR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
VN5160S-E
Electrical specifications
Doc ID 13493 Rev 5
13/31
Figure 6.
Switching characteristics
Table 12.
Truth table
Conditions
INPUT
OUTPUT
STATUS (VSD=0V)(1)
1.
If the VSD is high, the STATUS pin is in a high impedance.
Normal operation
L
H
L
H
H
H
Current limitation
L
H
L
X
H
H
Overtemperature
L
H
L
L
H
L
Undervoltage
L
H
L
L
X
X
Output voltage > VOL
L
H
H
H
L(2)
H
2.
The STATUS pin is low with a delay equal to tDSTKON after INPUT falling edge.
Output current < IOL
L
H
L
H
H(3)
L
3.
The STATUS pin becomes high with a delay equal to tPOL after INPUT falling edge.
VOUT
dVOUT/dt(on)
tr
80%
10%
tf
dVOUT/dt(off)
td(off)
td(on)
INPUT
t
t
90%
tWon
tWoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com