Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7D151K Datasheet(PDF) 33 Page - World Produts Inc.

Part # 7D151K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D151K Datasheet(HTML) 33 Page - World Produts Inc.

Back Button 7D151K Datasheet HTML 29Page - World Produts Inc. 7D151K Datasheet HTML 30Page - World Produts Inc. 7D151K Datasheet HTML 31Page - World Produts Inc. 7D151K Datasheet HTML 32Page - World Produts Inc. 7D151K Datasheet HTML 33Page - World Produts Inc. 7D151K Datasheet HTML 34Page - World Produts Inc. 7D151K Datasheet HTML 35Page - World Produts Inc. 7D151K Datasheet HTML 36Page - World Produts Inc. 7D151K Datasheet HTML 37Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 31
Part Number
D max.
H max.
T max.
S ± .7mm (±.03”)
d
W
VZ32D201
40
(1 .57)
40
(1 .57)
7 .5 ( .30)
2 .5 ( .09)
5 .7±1 .0 ( .22± 04)
1 .09±0 .50 ( .04± .02)
VZ32D221
7 .5 ( .30)
2 .5 ( .09)
5 .5±1 .0 ( .22± .04)
1 .19±0 .50 ( .047± .02)
VZ32D241
7 .5 ( .30)
2 .8 ( .11)
5 .4±1 .0 ( .21± .04)
1 .32±0 .50 ( .05± .02)
VZ32D271
8 .5 ( .33)
2 .8 ( .11)
5 .2±1 .0 ( .20± .04)
1 .44±0 .50 ( .056± .02)
VZ32D331
9 .0 ( .35)
3 .1 ( .12)
4 .8±1 .0 ( .19± .04)
1 .78±0 .50 ( .07± .02)
VZ32D361
9 .0 ( .35)
3 .3 ( .13)
4 .6±1 .0 ( .18± .04)
1 .97±0 .50 ( .077± .02)
VZ32D391
9 .0 ( .35)
3 .6 ( .14)
4 .4±1 .0 ( .17± .04)
2 .11±0 .50 ( .083± .02)
VZ32D431
9 .0 ( .35)
3 .6 ( .14)
4 .2±1 .0 ( .165± .04)
2 .34±0 .50 ( .09± .02)
VZ32D471
9 .7 ( .38)
3 .8 ( .15)
4 .2±1 .0 ( .165± .04)
2 .53±0 .50 ( .1± .02)
VZ32D511
9 .7 ( .38)
3 .8 ( .15)
4 .0±1 .0 ( .16± .04)
2 .77±0 .50 ( .11± .02)
VZ32D561
9 .7 ( .38)
4 .0 ( .16)
4 .0±1 .0 ( .16± .04)
3 .08±0 .5 ( .12± .02)
VZ32D621
9 .7 ( .38)
4 .3 ( .17)
3 .9±1 .0 ( .15± .04)
3 .40±0 .50 ( .134± .02)
VZ32D681
9 .7 ( .38)
4 .6 ( .18)
3 .6±1 .0 ( .14± .04)
3 .64±0 .50 ( .143± .02)
VZ32D751
10 .5 ( .41)
4 .8 ( .19)
3 .3±1 .0 ( .13± .04)
4 .11±0 .50 ( .16± .02)
VZ32D781
10 .5 ( .41)
4 .8 ( .19)
3 .1±1 .0 ( .12± .04)
4 .15±0 .50 ( .16 ± .02)
VZ32D821
10 .5 ( .41)
5 .1 ( .20)
2 .9±1 .0 ( .11± .04)
4 .47±0 .50 ( .176± .02)
VZ32D911
11 .5 ( .45)
5 .6 ( .22)
2 .5±1 .0 ( .10± .04)
4 .95±0 .50 ( .195± .02)
VZ32D951
11 .5 ( .45)
5 .6 ( .22)
2 .3±1 .0 ( .09± .04)
5 .05±0 .50 ( .2± .02)
VZ32D102
12 ( .47)
5 .8 ( .22)
2 .1±1 .0 ( .08± .04)
5 .48±0 .50 ( .215± .02)
VZ32D112
12 ( .47)
6 .4 ( .25)
2 .1±1 .0 ( .08± .04)
5 .96±0 .50 ( .23± .02)
VZ32D122
13 ( .51)
8 .4 ( .33)
1 .5±1 .0 ( .06± .04)
7 .2±0 .50 ( .28± .02)
VZ32D152
13 ( .51)
10 .5 ( .41)
0 .5±1 .0 ( .02± .04)
7 .2±0 .50 ( .28± .02)
D
H
T
d
S
D
H
T
0 .51mm
± .05mm
(0 .02"
± .002")
0 .51mm
± .05mm
(0 .02"
± .002")
3 .4mm
±0 .1mm
(0 .13"
± .004")
7 .04mm
±0 .2mm
(0 .28"
± .008")
7 .04mm ±0 .2mm
(0 .28" ± .008")
*12 .7mm
Typ .
(0 .5")
3 .7mm
±0 .25mm
(0 .146"
± .01")
25 .4mm ±0 .5mm
(1" ±0 .02")
25 .4mm ±0 .5mm
(1" ±0 .02")
18 .0mm
±0 .5mm
(0 .71"
±0 .02")
8 .0mm ±0 .5mm
(0 .315" ±0 .02")
5mm Max
(0 .2")
5mm Max
(0 .2")
5 .08 mm Typ .
(0 .2")
Straight Leads
Part Number Suffix “K”
90° Bend Leads
Part Number Suffix “KQ”
VZ32 Series — Dimensions
Uncoated Disk
Part Number Suffix “KR”
AG ELECTRODE
W
32.60mm ± 0.50
(1.28" ± 0.02)
AG ELECTRODE
ZINC OXIDE
DISK
Note: All drawings with leads
are right side oriented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com