Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7D151K Datasheet(PDF) 37 Page - World Produts Inc.

Part # 7D151K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D151K Datasheet(HTML) 37 Page - World Produts Inc.

Back Button 7D151K Datasheet HTML 33Page - World Produts Inc. 7D151K Datasheet HTML 34Page - World Produts Inc. 7D151K Datasheet HTML 35Page - World Produts Inc. 7D151K Datasheet HTML 36Page - World Produts Inc. 7D151K Datasheet HTML 37Page - World Produts Inc. 7D151K Datasheet HTML 38Page - World Produts Inc. 7D151K Datasheet HTML 39Page - World Produts Inc. 7D151K Datasheet HTML 40Page - World Produts Inc. 7D151K Datasheet HTML 41Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 35
VZ34 Dual Series — Dimensions
Straight Leads
Part Number Suffix “KD”
90° Bend Leads
Part Number Suffix “KDQ”
D
H
T
S
S
0 .5mm
(0 .02")
3 .4mm
±0 .1mm
(0 .13" ±0 .004")
7 .04mm
±0 .2mm
(0 .28"
± .008")
7 .04mm
±0 .2mm
(0 .28"
± .008")
12 .7mm
Typ .
(0 .5")
3 .55mm
±0 .25mm
(0 .14" ± .01")
25 .4mm
±0 .5mm
(1 .0" ±0 .02")
7mm Max
(0 .275")
D
H
T
0 .5mm
(0 .02")
3 .4mm
±0 .1mm
(0 .13" ±0 .004")
12 .7mm
Typ .
(0 .5")
5 .08mm
Typ .
(0 .2")
25 .4mm ±0 .5mm
(1 .0" ±0 .02")
7mm Max
(0 .275")
Part Number
D max.
H max.
T max.
S ±.7mm (±.03”)
VZ34R201
42
(1 .65)
42
(1 .65)
9 .1 ( .36)
4 .1 ( .16)
VZ34R221
9 .2 ( .36)
4 .2 ( .17)
VZ34R241
9 .3 ( .37)
4 .6 ( .18)
VZ34R271
9 .5 ( .37)
4 .8 ( .19)
VZ34R301
10 .5 ( .41)
5 .2 ( .20)
VZ34R331
11 .3 ( .44)
5 .4 ( .21)
VZ34R361
11 .5 ( .45)
5 .8 ( .23)
VZ34R391
11 .6 ( .46)
6 .2 ( .24)
VZ34R431
11 .9 ( .47)
6 .5 ( .26)
VZ34R471
12 .8 ( .50)
6 .9 ( .27)
VZ34R511
13 .1 ( .52)
7 .2 ( .28)
VZ34R561
13 .4 ( .53)
7 .7 ( .30)
VZ34R621
13 .6 ( .54)
8 .2 ( .32)
VZ34R681
13 .9 ( .55)
8 .8 ( .35)
VZ34R751
15 .3 ( .60)
9 .3 ( .37)
VZ34R781
15 .5 ( .61)
9 .6 ( .38)
VZ34R821
15 .5 ( .61)
10 .1 ( .40)
VZ34R911
17 .0 ( .67)
11 .1 ( .44)
VZ34R951
17 .2 ( .68)
11 .3 ( .44)
VZ34R102
18 .0 ( .71)
11 .8 ( .46)
VZ34R112
18 .6 ( .73)
13 .0 ( .51)
Note: All drawings with leads
are right side oriented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com