Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5D331K Datasheet(PDF) 23 Page - World Produts Inc.

Part # 5D331K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D331K Datasheet(HTML) 23 Page - World Produts Inc.

Back Button 5D331K Datasheet HTML 19Page - World Produts Inc. 5D331K Datasheet HTML 20Page - World Produts Inc. 5D331K Datasheet HTML 21Page - World Produts Inc. 5D331K Datasheet HTML 22Page - World Produts Inc. 5D331K Datasheet HTML 23Page - World Produts Inc. 5D331K Datasheet HTML 24Page - World Produts Inc. 5D331K Datasheet HTML 25Page - World Produts Inc. 5D331K Datasheet HTML 26Page - World Produts Inc. 5D331K Datasheet HTML 27Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 21
D Series — Electrical Characteristics (5, 7, 10, 14, 20, 25 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
2ms
Joules
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05D271KBS
180
230
7 .5
11
400
255
311
475
5
105
VZ07D271KBS
13
18
1200
455
10
205
VZ10D271KBS
30
40
2500
455
25
500
VZ14D271KBS
52
72
4500
455
50
950
VZ20D271KBS
90
127
10000
455
100
1700
*VZ25D271KBS
—
245
20000
465
100
2600
VZ05D301KBS
195
250
8 .0
11 .5
400
270
330
525
5
95
VZ07D301KBS
13
19
1200
505
10
185
VZ10D301KBS
32
42 .5
2500
505
25
450
VZ14D301KBS
56
78
4500
505
50
890
VZ20D301KBS
100
135
10000
505
100
1540
VZ25D301KBS
—
255
20000
505
100
2400
VZ05D331KBS
210
275
8 .5
11 .7
400
297
363
540
5
85
VZ07D331KBS
14
20
1200
540
10
170
VZ10D331KBS
33 .5
44 .5
2500
540
25
415
VZ14D331KBS
63
87
4500
540
50
800
VZ20D331KBS
110
148
10000
540
100
1400
*VZ25D331KBS
—
270
20000
540
100
2200
VZ05D361KBS
230
300
9 .0
13
400
324
396
595
5
80
VZ07D361KBS
17
25
1200
595
10
155
VZ10D361KBS
36
47
2500
595
25
380
VZ14D361KBS
70
98
4500
595
50
725
VZ20D361KBS
120
163
10000
595
100
1320
VZ25D361KBS
—
315
20000
595
100
2100
VZ05D391KBS
250
330
10
15
400
351
429
650
5
75
VZ07D391KBS
19
26
1200
650
10
145
VZ10D391KBS
40
60
2500
650
25
350
VZ14D391KBS
72
102
4500
650
50
665
VZ20D391KBS
130
180
10000
650
100
1210
VZ25D391KBS
—
342
20000
650
100
1900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com