Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5D331K Datasheet(PDF) 27 Page - World Produts Inc.

Part # 5D331K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D331K Datasheet(HTML) 27 Page - World Produts Inc.

Back Button 5D331K Datasheet HTML 23Page - World Produts Inc. 5D331K Datasheet HTML 24Page - World Produts Inc. 5D331K Datasheet HTML 25Page - World Produts Inc. 5D331K Datasheet HTML 26Page - World Produts Inc. 5D331K Datasheet HTML 27Page - World Produts Inc. 5D331K Datasheet HTML 28Page - World Produts Inc. 5D331K Datasheet HTML 29Page - World Produts Inc. 5D331K Datasheet HTML 30Page - World Produts Inc. 5D331K Datasheet HTML 31Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 25
High Energy E Series — Electrical Characteristics (5, 7, 10, 14, 18, 20 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05E241KBS
150
200
10 .5
800
216
264
395
5
100
VZ07E241KBS
21
1750
10
170
VZ10E241KBS
45
3500
25
380
VZ14E241KBS
90
6000
50
700
VZ18E241KBS
155
9000
80
1200
VZ18E241KBS-V
195
12000
80
1500
VZ20E241KBS
190
12000
100
1500
VZ20E241KBS-V
240
15000
100
2000
VZ05E271KBS
180
230
11
800
255
311
475
5
90
VZ07E271KBS
24
1750
450
10
150
VZ10E271KBS
49
3500
450
25
350
VZ14E271KBS
99
6000
450
50
640
VZ18E271KBS
163
9000
455
80
1050
VZ20E271KBS
200
12000
455
100
1300
VZ18E301KBS
195
250
170
9000
270
330
505
80
1010
VZ20E301KBS
210
12000
505
100
1200
VZ05E331KBS
210
275
13
800
297
363
540
5
75
VZ07E331KBS
28
1750
540
10
130
VZ10E331KBS
58
3500
540
25
300
VZ14E331KBS
115
6000
545
50
580
VZ18E331KBS
190
9000
545
80
950
VZ20E331KBS
228
12000
545
100
1100
VZ05E361KBS
230
300
16
800
324
396
595
5
69
VZ07E361KBS
32
1750
10
123
VZ10E361KBS
65
3500
25
285
VZ14E361KBS
140
6000
50
540
VZ18E361KBS
220
9000
80
870
VZ20E361KBS
275
12000
100
1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com