Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q80BVCIP Datasheet(PDF) 17 Page - Winbond

Part # W25Q80BVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BVCIP Datasheet(HTML) 17 Page - Winbond

Back Button W25Q80BVCIP Datasheet HTML 13Page - Winbond W25Q80BVCIP Datasheet HTML 14Page - Winbond W25Q80BVCIP Datasheet HTML 15Page - Winbond W25Q80BVCIP Datasheet HTML 16Page - Winbond W25Q80BVCIP Datasheet HTML 17Page - Winbond W25Q80BVCIP Datasheet HTML 18Page - Winbond W25Q80BVCIP Datasheet HTML 19Page - Winbond W25Q80BVCIP Datasheet HTML 20Page - Winbond W25Q80BVCIP Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
W25Q128BV
Publication Release Date: October 03, 2013
- 17 -
Revision H
7.1.12 Status Register Memory Protection (CMP = 1)
STATUS REGISTER
(1)
W25Q128BV (128M-BIT) MEMORY PROTECTION
(3)
SEC
TB
BP2
BP1
BP0
PROTECTED
BLOCK(S)
PROTECTED
ADDRESSES
PROTECTED
DENSITY
PROTECTED
PORTION
(2)
X
X
0
0
0
0 thru 255
000000h - FFFFFFh
16MB
ALL
0
0
0
0
1
0 thru 251
000000h - FBFFFFh
16,128KB
Lower 63/64
0
0
0
1
0
0 thru 247
000000h
– F7FFFFh
15,872KB
Lower 31/32
0
0
0
1
1
0 thru 239
000000h - EFFFFFh
15MB
Lower 15/16
0
0
1
0
0
0 thru 223
000000h - DFFFFFh
14MB
Lower 7/8
0
0
1
0
1
0 thru 191
000000h - BFFFFFh
12MB
Lower 3/4
0
0
1
1
0
0 thru 127
000000h - 7FFFFFh
8MB
Lower 1/2
0
1
0
0
1
4 thru 255
040000h - FFFFFFh
16,128KB
Upper 63/64
0
1
0
1
0
8 thru 255
080000h - FFFFFFh
15,872KB
Upper 31/32
0
1
0
1
1
16 thru 255
100000h - FFFFFFh
15MB
Upper 15/16
0
1
1
0
0
32 thru 255
200000h - FFFFFFh
14MB
Upper 7/8
0
1
1
0
1
64 thru 255
400000h - FFFFFFh
12MB
Upper 3/4
0
1
1
1
0
128 thru 255
800000h - FFFFFFh
8MB
Upper 1/2
X
X
1
1
1
NONE
NONE
NONE
NONE
1
0
0
0
1
0 thru 255
000000h
– FFEFFFh
16,380KB
L - 4095/4096
1
0
0
1
0
0 thru 255
000000h
– FFDFFFh
16,376KB
L - 2047/2048
1
0
0
1
1
0 thru 255
000000h
– FFBFFFh
16,368KB
L - 1023/1024
1
0
1
0
X
0 thru 255
000000h
– FF7FFFh
16,352KB
L - 511/512
1
1
0
0
1
0 thru 255
001000h
– FFFFFFh
16,380KB
U - 4095/4096
1
1
0
1
0
0 thru 255
002000h
– FFFFFFh
16,376KB
U - 2047/2048
1
1
0
1
1
0 thru 255
004000h
– FFFFFFh
16,368KB
U -1023/1024
1
1
1
0
X
0 thru 255
008000h
– FFFFFFh
16,352KB
U - 511/512
Notes:
1. X
= don’t care
2. L = Lower; U = Upper
3. If any Erase or Program command specifies a memory region that contains protected data portion, this command will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com