Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD00161566 Datasheet(PDF) 101 Page - STMicroelectronics

Part # CD00161566
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00161566 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button CD00161566 Datasheet HTML 97Page - STMicroelectronics CD00161566 Datasheet HTML 98Page - STMicroelectronics CD00161566 Datasheet HTML 99Page - STMicroelectronics CD00161566 Datasheet HTML 100Page - STMicroelectronics CD00161566 Datasheet HTML 101Page - STMicroelectronics CD00161566 Datasheet HTML 102Page - STMicroelectronics CD00161566 Datasheet HTML 103Page - STMicroelectronics CD00161566 Datasheet HTML 104Page - STMicroelectronics CD00161566 Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 105 page
background image
DocID13587 Rev 16
101/105
STM32F103x8, STM32F103xB
Revision history
104
21-Jul-2008
8
Power supply supervisor updated and VDDA added to Table 9: General
operating conditions.
Capacitance modified in Figure 14: Power supply scheme on page 36.
Table notes revised in Section 5: Electrical characteristics.
Table 16: Typical and maximum current consumptions in Stop and
Standby modes modified.
Data added to Table 16: Typical and maximum current consumptions in
Stop and Standby modes and Table 21: Typical current consumption in
Standby mode removed.
fHSE_ext modified in Table 20: High-speed external user clock
characteristics on page 51. fPLL_IN modified in Table 27: PLL
characteristics on page 57.
Minimum SDA and SCL fall time value for Fast mode removed from
Table 40: I2C characteristics on page 70, note 1 modified.
th(NSS) modified in Table 42: SPI characteristics on page 72 and
Figure 33: SPI timing diagram - slave mode and CPHA = 0 on page 73.
CADC modified in Table 46: ADC characteristics on page 76 and
Figure 38: Typical connection diagram using the ADC modified.
Typical TS_temp value removed from Table 50: TS characteristics on
page 80.
LQFP48 package specifications updated (see Table 58 and Table 55),
Section 6: Package characteristics revised.
Axx option removed from Table 60: Ordering information scheme on
page 96.
Small text changes.
22-Sep-2008
9
STM32F103x6 part numbers removed (see Table 60: Ordering
information scheme). Small text changes.
General-purpose timers (TIMx) and Advanced-control timer (TIM1) on
page 18 updated.
Notes updated in Table 5: Medium-density STM32F103xx pin definitions
on page 28.
Note 2 modified below Table 6: Voltage characteristics on page 37,
|
VDDx| min and |VDDx| min removed.
Measurement conditions specified in Section 5.3.5: Supply current
characteristics on page 41.
IDD in standby mode at 85 °C modified in Table 16: Typical and
maximum current consumptions in Stop and Standby modes on
page 45.
General input/output characteristics on page 62 modified.
fHCLK conditions modified in Table 30: EMS characteristics on page 59.
JA and pitch value modified for LFBGA100 package in Table 59:
Package thermal characteristics. Small text changes.
Table 61. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com