Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD00161566 Datasheet(PDF) 103 Page - STMicroelectronics

Part # CD00161566
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00161566 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button CD00161566 Datasheet HTML 97Page - STMicroelectronics CD00161566 Datasheet HTML 98Page - STMicroelectronics CD00161566 Datasheet HTML 99Page - STMicroelectronics CD00161566 Datasheet HTML 100Page - STMicroelectronics CD00161566 Datasheet HTML 101Page - STMicroelectronics CD00161566 Datasheet HTML 102Page - STMicroelectronics CD00161566 Datasheet HTML 103Page - STMicroelectronics CD00161566 Datasheet HTML 104Page - STMicroelectronics CD00161566 Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 105 page
background image
DocID13587 Rev 16
103/105
STM32F103x8, STM32F103xB
Revision history
104
19-Apr-2011
13
Updated footnotes below Table 6: Voltage characteristics on page 37
and Table 7: Current characteristics on page 38
Updated tw min in Table 20: High-speed external user clock
characteristics on page 51
Updated startup time in Table 23: LSE oscillator characteristics (fLSE =
32.768 kHz) on page 54
Added Section 5.3.12: I/O current injection characteristics
Updated Section 5.3.13: I/O port characteristics
07-Dec-2012
14
Added UFBGA100 7 x 7 mm.
Updated Figure 50: LQFP64, 10 x 10 mm, 64-pin low-profile quad flat
package outline to add pin 1 identification.
Table 61. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com