Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101VC Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32F101VC
Description  High-density access line, ARM-based 32-bit MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101VC Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32F101VC Datasheet HTML 70Page - STMicroelectronics STM32F101VC Datasheet HTML 71Page - STMicroelectronics STM32F101VC Datasheet HTML 72Page - STMicroelectronics STM32F101VC Datasheet HTML 73Page - STMicroelectronics STM32F101VC Datasheet HTML 74Page - STMicroelectronics STM32F101VC Datasheet HTML 75Page - STMicroelectronics STM32F101VC Datasheet HTML 76Page - STMicroelectronics STM32F101VC Datasheet HTML 77Page - STMicroelectronics STM32F101VC Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
Electrical characteristics
STM32F101xC, STM32F101xD, STM32F101xE
74/112
Doc ID 14610 Rev 8
NAND controller waveforms and timings
Figure 35 through Figure 38 represent synchronous waveforms and Table 40 provides the
corresponding timings. The results shown in this table are obtained with the following FSMC
configuration:
●
COM.FSMC_SetupTime = 0x01;
●
COM.FSMC_WaitSetupTime = 0x03;
●
COM.FSMC_HoldSetupTime = 0x02;
●
COM.FSMC_HiZSetupTime = 0x01;
●
ATT.FSMC_SetupTime = 0x01;
●
ATT.FSMC_WaitSetupTime = 0x03;
●
ATT.FSMC_HoldSetupTime = 0x02;
●
ATT.FSMC_HiZSetupTime = 0x01;
●
Bank = FSMC_Bank_NAND;
●
MemoryDataWidth = FSMC_MemoryDataWidth_16b;
●
ECC = FSMC_ECC_Enable;
●
ECCPageSize = FSMC_ECCPageSize_512Bytes;
●
TCLRSetupTime = 0;
●
TARSetupTime = 0;
td(D-NWE)
FSMC_D[15:0] valid before FSMC_NWE high
13tHCLK
ns
tw(NIOWR)
FSMC_NIOWR low width
8tHCLK + 3
ns
tv(NIOWR-D)
FSMC_NIOWR low to FSMC_D[15:0] valid
5tHCLK +1
ns
th(NIOWR-D)
FSMC_NIOWR high to FSMC_D[15:0] invalid
11tHCLK
ns
td(NCE4_1-NIOWR) FSMC_NCE4_1 low to FSMC_NIOWR valid
5tHCLK+3ns
ns
th(NCEx-NIOWR)
th(NCE4_1-NIOWR)
FSMC_NCEx high to FSMC_NIOWR invalid
FSMC_NCE4_1 high to FSMC_NIOWR invalid
5tHCLK – 5
ns
td(NIORD-NCEx)
td(NIORD-NCE4_1)
FSMC_NCEx low to FSMC_NIORD valid
FSMC_NCE4_1 low to FSMC_NIORD valid
5tHCLK + 2.5
ns
th(NCEx-NIORD)
th(NCE4_1-NIORD)
FSMC_NCEx high to FSMC_NIORD invalid
FSMC_NCE4_1 high to FSMC_NIORD invalid
5tHCLK – 5
ns
tsu(D-NIORD)
FSMC_D[15:0] valid before FSMC_NIORD high
4.5
ns
td(NIORD-D)
FSMC_D[15:0] valid after FSMC_NIORD high
9
ns
tw(NIORD)
FSMC_NIORD low width
8tHCLK + 2
ns
1.
CL = 15 pF.
2.
Based on characterization, not tested in production.
Table 39.
Switching characteristics for PC Card/CF read and write cycles(1)(2) (continued)
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com