Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101VC Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32F101VC
Description  High-density access line, ARM-based 32-bit MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101VC Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32F101VC Datasheet HTML 44Page - STMicroelectronics STM32F101VC Datasheet HTML 45Page - STMicroelectronics STM32F101VC Datasheet HTML 46Page - STMicroelectronics STM32F101VC Datasheet HTML 47Page - STMicroelectronics STM32F101VC Datasheet HTML 48Page - STMicroelectronics STM32F101VC Datasheet HTML 49Page - STMicroelectronics STM32F101VC Datasheet HTML 50Page - STMicroelectronics STM32F101VC Datasheet HTML 51Page - STMicroelectronics STM32F101VC Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
Electrical characteristics
STM32F101xC, STM32F101xD, STM32F101xE
48/112
Doc ID 14610 Rev 8
Table 20.
Peripheral current consumption
Peripheral
Typical consumption at 25 °C(1)
Unit
APB1
TIM2
0.6
mA
TIM3
0.6
TIM4
0.6
TIM5
0.6
TIM6
0.2
TIM7
0.2
SPI2
0.15
SPI3
0.15
USART2
0.25
USART3
0.25
UART4
0.3
UART5
0.3
I2C1
0.22
I2C2
0.22
DAC
0.72
APB2
GPIOA
0.3
mA
GPIOB
0.4
GPIOC
0.4
GPIOD
0.3
GPIOE
0.5
GPIOF
0.4
GPIOG
0.5
ADC(2)
1.4
SPI1
0.3
USART1
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com