Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101VC Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32F101VC
Description  High-density access line, ARM-based 32-bit MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101VC Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32F101VC Datasheet HTML 104Page - STMicroelectronics STM32F101VC Datasheet HTML 105Page - STMicroelectronics STM32F101VC Datasheet HTML 106Page - STMicroelectronics STM32F101VC Datasheet HTML 107Page - STMicroelectronics STM32F101VC Datasheet HTML 108Page - STMicroelectronics STM32F101VC Datasheet HTML 109Page - STMicroelectronics STM32F101VC Datasheet HTML 110Page - STMicroelectronics STM32F101VC Datasheet HTML 111Page - STMicroelectronics STM32F101VC Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 111 / 112 page
background image
STM32F101xC, STM32F101xD, STM32F101xE
Revision history
Doc ID 14610 Rev 8
111/112
24-Sep-2009
7
Number of DACs corrected in Table 3: STM32F101xx family.
IDD_VBAT updated in Table 17: Typical and maximum current
consumptions in Stop and Standby modes.
Figure 13: Typical current consumption on VBAT with RTC on vs.
temperature at different VBAT values added.
IEC 1000 standard updated to IEC 61000 and SAE J1752/3 updated to
IEC 61967-2 in Section 5.3.11: EMC characteristics on page 77.
Table 59: DAC characteristics modified.
Small text changes.
19-Apr-2011
8
Updated footnotes below Table 7: Voltage characteristics on page 36
and Table 8: Current characteristics on page 37
Updated tw min in Table 21: High-speed external user clock
characteristics on page 50
Updated startup time in Table 24: LSE oscillator characteristics (fLSE =
32.768 kHz) on page 53
Updated Table 31: Asynchronous non-multiplexed SRAM/PSRAM/NOR
read timings on page 58
Updated FSMC sync data latency in Figure 25 thru Figure 28
Updated Figure 38: NAND controller waveforms for common memory
write access and Table 40: Switching characteristics for NAND Flash
read and write cycles on page 76
Updated Figure 44: Recommended NRST pin protection
Added Section 5.3.13: I/O current injection characteristics
Updated Section 5.3.13: I/O current injection characteristics
Updated note 2 in Table 51: I2C characteristics on page 87
Updated Figure 45: I2C bus AC waveforms and measurement circuit(1)
Table 66.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com