| Electronic Components Datasheet Search |
|
STM32F205RC Datasheet(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RC Datasheet(HTML) 120 Page - STMicroelectronics |
|
120 / 177 page ![]() Electrical characteristics STM32F20xxx 120/177 Doc ID 15818 Rev 9 5.3.21 DAC electrical characteristics Table 66. DAC characteristics Symbol Parameter Min Typ Max Unit Comments VDDA Analog supply voltage 1.8(1) -3.6 V VREF+ Reference supply voltage 1.8(1) -3.6 V VREF+ ≤ VDDA VSSA Ground 0 - 0 V RLOAD (2) Resistive load with buffer ON 5 - - k Ω RO (2) Impedance output with buffer OFF -- 15 k Ω When the buffer is OFF, the Minimum resistive load between DAC_OUT and VSS to have a 1% accuracy is 1.5 M Ω CLOAD (2) Capacitive load - - 50 pF Maximum capacitive load at DAC_OUT pin (when the buffer is ON). DAC_OUT min(2) Lower DAC_OUT voltage with buffer ON 0.2 - - V It gives the maximum output excursion of the DAC. It corresponds to 12-bit input code (0x0E0) to (0xF1C) at VREF+ = 3.6 V and (0x1C7) to (0xE38) at VREF+ = 1.8 V DAC_OUT max(2) Higher DAC_OUT voltage with buffer ON -- VDDA – 0.2 V DAC_OUT min(2) Lower DAC_OUT voltage with buffer OFF -0.5 - mV It gives the maximum output excursion of the DAC. DAC_OUT max(2) Higher DAC_OUT voltage with buffer OFF -- VREF+ – 1LSB V IVREF+ (4) DAC DC VREF current consumption in quiescent mode (Standby mode) - 170 240 µA With no load, worst code (0x800) at VREF+ = 3.6 V in terms of DC consumption on the inputs -50 75 With no load, worst code (0xF1C) at VREF+ = 3.6 V in terms of DC consumption on the inputs IDDA (4) DAC DC VDDA current consumption in quiescent mode(3) - 280 380 µA With no load, middle code (0x800) on the inputs - 475 625 µA With no load, worst code (0xF1C) at VREF+ = 3.6 V in terms of DC consumption on the inputs DNL(4) Differential non linearity Difference between two consecutive code-1LSB) -- ±0.5 LSB Given for the DAC in 10-bit configuration. -- ±2 LSB Given for the DAC in 12-bit configuration. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |