| Electronic Components Datasheet Search |
|
STM32F205RC Datasheet(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RC Datasheet(HTML) 121 Page - STMicroelectronics |
|
121 / 177 page ![]() STM32F20xxx Electrical characteristics Doc ID 15818 Rev 9 121/177 INL(4) Integral non linearity (difference between measured value at Code i and the value at Code i on a line drawn between Code 0 and last Code 1023) -- ±1 LSB Given for the DAC in 10-bit configuration. -- ±4 LSB Given for the DAC in 12-bit configuration. Offset(4) Offset error (difference between measured value at Code (0x800) and the ideal value = VREF+/2) -- ±10 mV Given for the DAC in 12-bit configuration -- ±3 LSB Given for the DAC in 10-bit at VREF+ = 3.6 V -- ±12 LSB Given for the DAC in 12-bit at VREF+ = 3.6 V Gain error(4) Gain error - - ±0.5 % Given for the DAC in 12-bit configuration tSETTLING (4) Settling time (full scale: for a 10-bit input code transition between the lowest and the highest input codes when DAC_OUT reaches final value ±4LSB -3 6 µs CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ THD(4) Total Harmonic Distortion Buffer ON -- - dB CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ Update rate(2) Max frequency for a correct DAC_OUT change when small variation in the input code (from code i to i+1LSB) -- 1 MS/s CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ tWAKEUP (4) Wakeup time from off state (Setting the ENx bit in the DAC Control register) -6.5 10 µs CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ input code between lowest and highest possible ones. PSRR+ (2) Power supply rejection ratio (to VDDA) (static DC measurement) - –67 –40 dB No RLOAD, CLOAD = 50 pF 1. If IRROFF is set to VDD, this value can be lowered to 1.7 V when the device operates in the 0 to 70 °C temperature range. 2. Guaranteed by design, not tested in production. 3. The quiescent mode corresponds to a state where the DAC maintains a stable output level to ensure that no dynamic consumption occurs. 4. Guaranteed by characterization, not tested in production. Table 66. DAC characteristics (continued) Symbol Parameter Min Typ Max Unit Comments |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |