Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5719PHPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5719PHPR
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5719PHPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5719PHPR Datasheet HTML 17Page - Texas Instruments TAS5719PHPR Datasheet HTML 18Page - Texas Instruments TAS5719PHPR Datasheet HTML 19Page - Texas Instruments TAS5719PHPR Datasheet HTML 20Page - Texas Instruments TAS5719PHPR Datasheet HTML 21Page - Texas Instruments TAS5719PHPR Datasheet HTML 22Page - Texas Instruments TAS5719PHPR Datasheet HTML 23Page - Texas Instruments TAS5719PHPR Datasheet HTML 24Page - Texas Instruments TAS5719PHPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
Undervoltage Protection (UVP) and Power-On Reset (POR)
The UVP and POR circuits of the TAS5717/9 fully protect the device in any power-up/down and brownout
situation. While powering up, the POR circuit resets the overload circuit (OLP) and ensures that all circuits are
fully operational when the PVDD and AVDD supply voltages reach 4.5 V and 2.7 V, respectively. Although PVDD
and AVDD are independently monitored, a supply voltage drop below the UVP threshold on AVDD or on either
PVDD pin results in all half-bridge outputs immediately being set in the high-impedance (Hi-Z) state and FAULT
being asserted low.
CLOCK, AUTO DETECTION, AND PLL
The TAS5717/9 is a slave device. It accepts MCLK, SCLK, and LRCLK. The digital audio processor (DAP)
supports all the sample rates and MCLK rates that are defined in the clock control register
.
The TAS5717/9 checks to verify that SCLK is a specific value of 32 fS, 48 fS, or 64 fS. The DAP only supports a 1
× fS LRCLK. The timing relationship of these clocks to SDIN is shown in subsequent sections. The clock section
uses MCLK or the internal oscillator clock (when MCLK is unstable, out of range, or absent) to produce the
internal clock (DCLK) running at 512 times the PWM switching frequency.
The DAP can autodetect and set the internal clock-control logic to the appropriate settings for all supported clock
rates as defined in the clock control register.
TAS5717/9 has robust clock error handling that uses the bulit-in trimmed oscillator clock to quickly detect
changes/errors. Once the system detects a clock change/error, it mutes the audio (through a single-step mute)
and then forces PLL to limp using the internal oscillator as a reference clock. Once the clocks are stable, the
system autodetects the new rate and reverts to normal operation. During this process, the default volume is
restored in a single step (also called hard unmute). The ramp process can be programmed to ramp back slowly
(also called soft unmute) as defined in volume register (0x0E).
SERIAL DATA INTERFACE
Serial data is input on SDIN. The PWM outputs are derived from SDIN. The TAS5717/9 DAP accepts serial data
in 16-, 20-, or 24-bit left-justified, right-justified, or I2S serial data format.
PWM Section
The TAS5717/9 DAP device uses noise-shaping and sophisticated nonlinear correction algorithms to achieve
high power efficiency and high-performance digital audio reproduction. The DAP uses a fourth-order noise
shaper to increase dynamic range and SNR in the audio band. The PWM section accepts 24-bit PCM data from
the DAP and outputs two BTL PWM audio output channels.
The PWM section has individual-channel dc-blocking filters that can be enabled and disabled. The filter cutoff
frequency is less than 1 Hz. Individual-channel de-emphasis filters for 44.1- and 48-kHz are included and can be
enabled and disabled.
Finally, the PWM section has an adjustable maximum modulation limit of 93.8% to 99.2%.
For detailed description of using audio processing features like DRC and EQ, see the User's Guide and
TAS570X GDE software development tool documentation. Also see the GDE software development tool for the
device data path.
I
2C COMPATIBLE SERIAL CONTROL INTERFACE
The TAS5717/9 DAP has an I2C serial control slave interface to receive commands from a system controller. The
serial control interface supports both normal-speed (100-kHz) and high-speed (400-kHz) operations without wait
states. As an added feature, this interface operates even if MCLK is absent.
The serial control interface supports both single-byte and multiple-byte read and write operations for status
registers and the general control registers associated with the PWM.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS5717 TAS5719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com