Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5719PHPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5719PHPR
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5719PHPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5719PHPR Datasheet HTML 25Page - Texas Instruments TAS5719PHPR Datasheet HTML 26Page - Texas Instruments TAS5719PHPR Datasheet HTML 27Page - Texas Instruments TAS5719PHPR Datasheet HTML 28Page - Texas Instruments TAS5719PHPR Datasheet HTML 29Page - Texas Instruments TAS5719PHPR Datasheet HTML 30Page - Texas Instruments TAS5719PHPR Datasheet HTML 31Page - Texas Instruments TAS5719PHPR Datasheet HTML 32Page - Texas Instruments TAS5719PHPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
A6
A5
A0 R/W ACK A7
A6
A5
A4
A0 ACK
A6
A5
A0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
DataByte
D7
D6
D1
D0 ACK
I CDevice Addressand
Read/WriteBit
2
Not
Acknowledge
R/W
A1
A1
RepeatStart
Condition
T0036-03
A6
A0
ACK
Acknowledge
I CDevice Addressand
Read/WriteBit
2
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I CDevice Addressand
Read/WriteBit
2
Subaddress
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
T0036-04
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
Single-Byte Read
As shown in Figure 38, a single-byte data-read transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. For the data-read transfer, both a write
followed by a read are actually done. Initially, a write is done to transfer the address byte or bytes of the internal
memory address to be read. As a result, the read/write bit becomes a 0. After receiving the TAS5717/9 address
and the read/write bit, TAS5717/9 responds with an acknowledge bit. In addition, after sending the internal
memory address byte or bytes, the master device transmits another start condition followed by the TAS5717/9
address and the read/write bit again. This time the read/write bit becomes a 1, indicating a read transfer. After
receiving the address and the read/write bit, the TAS5717/9 again responds with an acknowledge bit. Next, the
TAS5717/9 transmits the data byte from the memory address being read. After receiving the data byte, the
master device transmits a not-acknowledge followed by a stop condition to complete the single-byte data-read
transfer.
Figure 38. Single-Byte Read Transfer
Multiple-Byte Read
A multiple-byte data-read transfer is identical to a single-byte data-read transfer except that multiple data bytes
are transmitted by the TAS5717/9 to the master device as shown in Figure 39. Except for the last data byte, the
master device responds with an acknowledge bit after receiving each data byte.
Figure 39. Multiple-Byte Read Transfer
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TAS5717 TAS5719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com