Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4031 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4031 Datasheet HTML 9Page - Texas Instruments THS4031 Datasheet HTML 10Page - Texas Instruments THS4031 Datasheet HTML 11Page - Texas Instruments THS4031 Datasheet HTML 12Page - Texas Instruments THS4031 Datasheet HTML 13Page - Texas Instruments THS4031 Datasheet HTML 14Page - Texas Instruments THS4031 Datasheet HTML 15Page - Texas Instruments THS4031 Datasheet HTML 16Page - Texas Instruments THS4031 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
THS4032 − VCC+
THS4031 − VCC+
THS4031 − VCC−
THS4032 − VCC−
VCC = ± 15 V and ± 5 V
60
40
20
0
10
100
1 k
10 k
100 k
80
100
f − Frequency − Hz
120
1 M
10 M
100 M
_
+
1 k
Ω
1 k
Ω
1 k
Ω
1 k
Ω
RL
150
Ω
VO
VI
60
40
20
0
10
100
1 k
10 k
100 k
80
100
f − Frequency − Hz
120
1 M
10 M 100 M
VCC = ± 15 V
VCC = ± 5 V
Input = CH 2
Output = CH 1
Input = CH 1
Output = CH 2
VCC = ± 15 V
PI = 0 dBm
See Figure 3
−30
−60
−70
−90
100 k
1 M
10 M
−20
−10
f − Frequency − Hz
0
100 M
500 M
−40
−50
−80
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
POWER-SUPPLY REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
THS4032
CROSSTALK
vs
FREQUENCY
Figure 19.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4031 THS4032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com