Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4031 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4031 Datasheet HTML 17Page - Texas Instruments THS4031 Datasheet HTML 18Page - Texas Instruments THS4031 Datasheet HTML 19Page - Texas Instruments THS4031 Datasheet HTML 20Page - Texas Instruments THS4031 Datasheet HTML 21Page - Texas Instruments THS4031 Datasheet HTML 22Page - Texas Instruments THS4031 Datasheet HTML 23Page - Texas Instruments THS4031 Datasheet HTML 24Page - Texas Instruments THS4031 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
0
−0.2
−0.4
−0.6
0.2
0.4
0.6
VCC = ± 15V
Gain=2
RF =300 Ω
RL =150 Ω
SeeFigure4
t-Time-200ns/div
0
−0.2
−0.4
−0.6
0.2
0.4
0.6
VCC = ± 5V
Gain=2
RF =300 Ω
RL =150 Ω
SeeFigure4
t-Time-200ns/div
0
−0.5
−1.5
−2.5
1.5
2
2.5
VCC = ± 5V
Gain= −1
RF =430 Ω
RL =150 Ω
SeeFigure5
1
0.5
−1
−2
t-Time-200ns/div
0
−5
−10
−15
5
10
15
RL =1kΩ
RL =150 Ω
VCC = ± 15V
Gain=2
RF =330 Ω
SeeFigure4
OffsetForClarity
t-Time-200ns/div
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
1-V STEP RESPONSE
1-V STEP RESPONSE
Figure 47.
Figure 48.
4-V STEP RESPONSE
20-V STEP RESPONSE
Figure 49.
Figure 50.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS4031 THS4032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com