Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF11NM65N Datasheet(PDF) 18 Page - STMicroelectronics

Part # STF11NM65N
Description  N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11NM65N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STF11NM65N Datasheet HTML 13Page - STMicroelectronics STF11NM65N Datasheet HTML 14Page - STMicroelectronics STF11NM65N Datasheet HTML 15Page - STMicroelectronics STF11NM65N Datasheet HTML 16Page - STMicroelectronics STF11NM65N Datasheet HTML 17Page - STMicroelectronics STF11NM65N Datasheet HTML 18Page - STMicroelectronics STF11NM65N Datasheet HTML 19Page - STMicroelectronics STF11NM65N Datasheet HTML 20Page - STMicroelectronics STF11NM65N Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Packaging mechanical data
STD11NM65N, STF11NM65N, STFI11NM65N, STP11NM65N
18/21
Doc ID 13476 Rev 4
5
Packaging mechanical data
Table 12. DPAK (TO-252) tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
6.8
7
A
330
B0
10.4
10.6
B
1.5
B1
12.1
C
12.8
13.2
D
1.5
1.6
D
20.2
D1
1.5
G
16.4
18.4
E1.65
1.85
N
50
F
7.4
7.6
T
22.4
K0
2.55
2.75
P0
3.9
4.1
Base qty.
2500
P1
7.9
8.1
Bulk qty.
2500
P2
1.9
2.1
R40
T0.25
0.35
W15.7
16.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com