Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF11NM65N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF11NM65N
Description  N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11NM65N Datasheet(HTML) 4 Page - STMicroelectronics

  STF11NM65N Datasheet HTML 1Page - STMicroelectronics STF11NM65N Datasheet HTML 2Page - STMicroelectronics STF11NM65N Datasheet HTML 3Page - STMicroelectronics STF11NM65N Datasheet HTML 4Page - STMicroelectronics STF11NM65N Datasheet HTML 5Page - STMicroelectronics STF11NM65N Datasheet HTML 6Page - STMicroelectronics STF11NM65N Datasheet HTML 7Page - STMicroelectronics STF11NM65N Datasheet HTML 8Page - STMicroelectronics STF11NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
STD11NM65N, STF11NM65N, STFI11NM65N, STP11NM65N
4/21
Doc ID 13476 Rev 4
2
Electrical characteristics
(T
C
= 25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
breakdown voltage
I
D
= 1 mA, V
GS
= 0
650
V
I
DSS
Zero gate voltage
drain current (V
GS
= 0)
V
DS
= 650 V
V
DS
= 650 V, T
C
=125 °C
1
100
μA
μA
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= ± 25 V
± 100
nA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA
234
V
R
DS(on)
Static drain-source on-
resistance
V
GS
= 10 V, I
D
= 5.5 A
0.425
0.455
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
= 50 V, f = 1 MHz,
V
GS
= 0
-800
-
pF
pF
pF
C
oss
Output capacitance
-
50
-
pF
C
rss
Reverse transfer
capacitance
-2.9
-
pF
C
oss eq.
(1)
1.
C
oss eq.
is defined as a constant equivalent capacitance giving the same charging time as C
oss
when V
DS
increases from 0 to 80% V
DSS
Equivalent output
capacitance
V
DS
= 0 to 520 V, V
GS
= 0
-
133
-
pF
R
G
Intrinsic gate
resistance
f = 1 MHz open drain
-
4.2
-
Ω
Q
g
Total gate charge
V
DD
= 520 V, I
D
= 11 A,
V
GS
= 10 V
(see
Figure 19)
-29
-
nC
Q
gs
Gate-source charge
-
3.9
-
nC
Q
gd
Gate-drain charge
-
16
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com