Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151F3P6 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 81Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 82Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 83Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 84Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 85Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 86Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 87Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 88Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
STM8L151x2, STM8L151x3
Electrical parameters
Doc ID 018780 Rev 4
85/112
7.3.9
Embedded reference voltage
In the following table, data is based on characterization results, not tested in production,
unless otherwise specified.
Table 41.
Reference voltage characteristics
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
IREFINT
Internal reference voltage
consumption
1.4
µA
TS_VREFINT
(1)(2)
ADC1 sampling time when reading
the internal reference voltage
510
µs
IBUF
(2)
Internal reference voltage buffer
consumption (used for ADC1)
13.5
25
µA
VREFINT out
Reference voltage output
1.202(3)
1.224
1.242(3)
V
ILPBUF
(2)
Internal reference voltage low
power buffer consumption (used for
comparators or output)
730
1200
nA
IREFOUT
(2)
Buffer output current(4)
1µA
CREFOUT
Reference voltage output load
50
pF
tVREFINT
Internal reference voltage startup
time
23
ms
tBUFEN
(2)
Internal reference voltage buffer
startup time once enabled (1)
10
µs
ACCVREFINT
Accuracy of VREFINT stored in the
VREFINT_Factory_CONV byte(5)
± 5
mV
STABVREFINT
Stability of VREFINT over
temperature
-40 °C
≤ TA ≤
125 °C
20
50
ppm/°C
Stability of VREFINT over
temperature
0 °C
≤ TA ≤ 50
°C
20
ppm/°C
STABVREFINT
Stability of VREFINT after 1000
hours
TBD
ppm
1.
Defined when ADC1 output reaches its final value ±1/2LSB
2.
Data guaranteed by Design. Not tested in production.
3.
Tested in production at VDD = 3 V ±10 mV.
4.
To guaranty less than 1%
VREFOUT deviation.
5.
Measured at VDD = 3 V ±10 mV. This value takes into account VDD accuracy and ADC1 conversion accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com