Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151F3P6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 26Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 27Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 28Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 29Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 30Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 31Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 32Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 33Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
Pin description
STM8L151x2, STM8L151x3
30/112
Doc ID 018780 Rev 4
Note:
The slope control of all GPIO pins, except true open drain pins, can be programmed. By
default, the slope control is limited to 2 MHz.
4.1
System configuration options
As shown in Table 4: Low density STM8L15xxx pin description, some alternate functions
can be remapped on different I/O ports by programming one of the two remapping registers
described in the “ Routing interface (RI) and system configuration controller” section in the
STM8L15x and STM8L16x reference manual (RM0031).
132 28 20
3
PA0(8)/[USART_CK](2)
/
SWIM/BEEP/IR_TIM
(9)
I/O
X
X
X
HS
(9)
XX Port A0
[USART1 synchronous
clock](2) / SWIM input
and output /
Beep output / Infrared
Timer output
40
--
-- VSSIO
I/O ground voltage
39
--
-- VDDIO
I/O supply voltage
1.
At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA1
pin as general purpose output in the STM8L15xxx and STM8L16xxx reference manual (RM0031).
2.
[ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
3.
A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
4.
20-pin and 28-pin packages only.
5.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer and protection diode to VDD are not
implemented).
6.
20-pin packages only.
7.
28-pin packages only
8.
The PA0 pin is in input pull-up during the reset phase and after reset release.
9.
High Sink LED driver capability available on PA0.
Table 4.
Low density STM8L15xxx pin description (continued)
Pin number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com