Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP2104
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2104 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP2104 Datasheet HTML 9Page - Intersil Corporation HIP2104 Datasheet HTML 10Page - Intersil Corporation HIP2104 Datasheet HTML 11Page - Intersil Corporation HIP2104 Datasheet HTML 12Page - Intersil Corporation HIP2104 Datasheet HTML 13Page - Intersil Corporation HIP2104 Datasheet HTML 14Page - Intersil Corporation HIP2104 Datasheet HTML 15Page - Intersil Corporation HIP2104 Datasheet HTML 16Page - Intersil Corporation HIP2104 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
HIP2103, HIP2104
13
FN8276.0
November 27, 2013
Functional Description
The following functional description references the “Block
Diagram” on page 2.
Overview
The HIP2103 has independent control inputs, LI and HI, for each
output, LO and HO. There is no logic inversion for these
input/output pairs. To minimize the possibility of shoot-through
failures of the bridge FETs caused by improper LI and HI signals
from an external controller, internal logic in the driver prevents
both outputs being high simultaneously. When either input is
high, the high input must go low before a high on the other input
propagates to its respective drive output. If both inputs are high
simultaneously, both output are low. If one input is high, followed
by the other input going high, the internal logic prevents any
shoot through. Note that the internal logic does not prevent
shoot-through if the dead-time provided by the external controller
is not sufficiently long as required by the turn-on/off times of the
bridge FETS.
If both inputs are high simultaneously for longer than 30µs, the
driver initiates a Sleep Mode to reduce the bias current to
minimize the battery drain. When in Sleep Mode, the HO output
is in a high-impedance state (2MΩ between HO and HS) and the
LO output is held low with an active 100Ω pull-down resistor. The
100Ω pull-down prevents inadvertent shoot-through resulting
from transients on the bridge voltage while both drivers are in the
Sleep Mode.
The undervoltage lockout (UVLO) on VDD drives HO and LO low
when VDD is less that the UV threshold. Sleep Mode is initiated if
UVLO is asserted for longer than 30µs.
The high-side driver bias is established by the boot capacitor
connected between HB and HS. The charge on the boot capacitor
is provided by the internal boot FET that is connected between
VDD and HB. The current path to charge the boot cap is enabled
(boot FET is on) when the drain voltage on the low-side bridge FET
(VHO) is <1V and when HO = 0. When the boot FET is on, the boot
cap is charged to approximately VDD.
The boot FET turns off when H0 = 1. The boot capacitor provides
the charge necessary to turn on the FET and maintains the bias
voltage on the high side driver for the duration of the period while
the FET is on. See the following for details on selecting the boot
capacitor value.
The peak charge current is limited in amplitude by the inherent
resistance of the boot FET and by the delta voltage between VDD
and the drain-source voltage of the low-side bridge FET (VHS) less
the boot cap voltage. Assuming that the on time of the low-side
FET is sufficiently long to fully charge the boot capacitor, the boot
voltage charges very close to VDD (less the voltage across the
drain-source of the low-side bridge FET).
When the HI input transitions high, the high-side bridge FET is
driven on. Because the HS node is connected to the source of the
high-side FET, the HS node rises almost to the level of the bridge
voltage, VBAT (less the conduction voltage across the bridge FET).
Because the boot capacitor voltage is referenced to the source
voltage of the high-side FET, the HB node is VDD volts above the
HS node. Simultaneously with HI = 1, the boot FET is turned off
preventing the boot capacitor from discharging back to VDD.
Because the high-side driver circuit is referenced to the HS node,
the HO output is now approximately VHB + VBAT above ground.
During the low to high transition of the phase node (HS), the boot
capacitor sources the necessary gate charge to fully enhance the
high-side bridge FET gate. After the gate of the bridge FET is fully
charged, the boot capacitor no longer sources charge to the gate
but continues to provide bias current to the high-side driver
through out the period while the high-side bride FET is on.
To prevent the voltage on the boot capacitor from drooping
excessively, the boot capacitor value must be sized appropriately.
If the boot voltage droops to the UVLO threshold, the high-side
FET is turned off to prevent damage due to insufficient gate
voltage.
FIGURE 19. LO OUTPUT RESISTANCE
Typical Performance Curves (Continued)
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
0
1
2
3
4
5
6
7
8
9
SOURCING
SINKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com