Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP2104
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2104 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP2104 Datasheet HTML 1Page - Intersil Corporation HIP2104 Datasheet HTML 2Page - Intersil Corporation HIP2104 Datasheet HTML 3Page - Intersil Corporation HIP2104 Datasheet HTML 4Page - Intersil Corporation HIP2104 Datasheet HTML 5Page - Intersil Corporation HIP2104 Datasheet HTML 6Page - Intersil Corporation HIP2104 Datasheet HTML 7Page - Intersil Corporation HIP2104 Datasheet HTML 8Page - Intersil Corporation HIP2104 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
HIP2103, HIP2104
2
FN8276.0
November 27, 2013
Block Diagram
Symbol Glossary
3.3V LDO
1 MSEC
DELAY
155C
OT
12V LDO
1 MSEC
DELAY
VDen
VDD
VCen
1
4V
UNDER
VOLTAGE
20 US
DELAY
20 US
DELAY
VDD
HB
SLEEP
MODE
LEVEL
SHIFT
4V
UNDER
VOLTAGE
R
S
Q
HO
LO
HS
VSS
VDD
VBAT
LOGIC
BIAS
HI
LI
E
P
A
D
100K
Ω
100
Ω
100k
Ω
VCC
VBAT
Logic prevents
shoot-through
when LI and HI
are both high
Active pull-down
keeps bridge FET
off during UV, OT,
or sleep
2104
2103
10 US
DELAY
Time delay functional block with
rising edge prop delay (as indicated
by the rising arrow on the input) and
minimal falling edge delay.
2104
2103
Optional connections as indicated by
part numbers
HIP2104
HIP2103
2M
Ω
100k
Ω
100k
Ω
Boot FET
SEE FIGURES 3 AND 4 FOR
SLEEP MODE TIMING DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com