Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP160 Datasheet(PDF) 6 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 6 Page - AMIC Technology

Back Button AP160 Datasheet HTML 2Page - AMIC Technology AP160 Datasheet HTML 3Page - AMIC Technology AP160 Datasheet HTML 4Page - AMIC Technology AP160 Datasheet HTML 5Page - AMIC Technology AP160 Datasheet HTML 6Page - AMIC Technology AP160 Datasheet HTML 7Page - AMIC Technology AP160 Datasheet HTML 8Page - AMIC Technology AP160 Datasheet HTML 9Page - AMIC Technology AP160 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AP160
Version 0.0
6
AMIC Technology, Inc.
SPECIAL FUNCTION REGISTERS
A map of the on-chip memory area called the Special Function Register (SFR) space is shown in Table 1.
Table 1. AP160 SFR Map and Reset Values
0F8H
0FFH
0F0H
B
00000000
0F7H
0E8H
0EFH
0E0H
ACC
00000000
0E7H
0D8H
0DFH
0D0H
PSW
00000000
0D7H
0C8H
T2CON
00000000
T2MOD
XXXXXX00
RCAP2L
00000000
TL2
00000000
TH2
00000000
0CFH
0C0H
0C7H
0B8H
IP
XX000000
0BFH
0B0H
P3
11111111
0B7H
0A8H
IE
0X000000
0AFH
0A0H
P2
11111111
0A7H
098H
SCON
00000000
SBUF
XXXXXXXX
09FH
090H
P1
11111111
097H
088H
TCON
00000000
TMOD
00000000
TL0
00000000
TL1
00000000
TH0
00000000
TH1
00000000
08FH
080H
P0
11111111
SP
00000111
DPL
00000000
DPH
00000000
PCON
0XXX0000
087H
Note that not all of the addresses are occupied. Unoccupied addresses may not be implemented on the chip. Read
accesses to these addresses will in general return random data, and write accesses will have an indeterminate effect. User
software should not write 1s to these unlisted locations, since they may be used in future AMIC products to invoke new
features. In that case the reset or inactive values of the new bits will always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com