Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP160 Datasheet(PDF) 1 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 1 Page - AMIC Technology

  AP160 Datasheet HTML 1Page - AMIC Technology AP160 Datasheet HTML 2Page - AMIC Technology AP160 Datasheet HTML 3Page - AMIC Technology AP160 Datasheet HTML 4Page - AMIC Technology AP160 Datasheet HTML 5Page - AMIC Technology AP160 Datasheet HTML 6Page - AMIC Technology AP160 Datasheet HTML 7Page - AMIC Technology AP160 Datasheet HTML 8Page - AMIC Technology AP160 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AP160
8-BIT MICROCONTROLLER
DATA SHEET
WITH 8KB OTP
October 2001
Version 0.0
1
AMIC Technology, Inc.
GENERAL DESCRIPTION
The AP160 is a wide operating voltage, Low power consumption and high performance with AMIC high-density CMOS
technology. All instruction set of AP160 are fully compatible with the standard 8051. The AP160 contains 8K bytes OTP
EPROM, 256 bytes RAM, four 8-bit bi-directional and bit addressable I/O ports, three 16-bit timer/counter and eight interrupt
sources. To reduce power consumption, idle mode and power down mode are provided to implementation. For data
protection, program lock bits can be performed through programming LB1, LB2 and LB3. The AMIC AP160 is a useful and
powerful microcontroller in many control system application.
FEATURES
l
Compatible with MCS-51 Products
l
256 X 8 bit internal Data RAM.
l
8KB On-Chip OTP EPROM.
l
2.7V~5.5V Operating Range.
l
Fully Static Operation : 0Hz to 16 MHz
l
0~33MHZ speed range at VCC=5V.
l
32 Programmable I/O pins
l
Three 16-Bit Timers/Counters.
l
Programmable clock out.
l
Full-duplex UART
l
Eight interrupt sources.
l
2 level priority-interrupt.
l
Power reduction control modes
n
Idle mode
n
Power-down mode
l
3 security bits.
l
Low EMI (Inhibit ALE)
l
Wake-up from Power Down by an external interrupt.
l
Available in PLCC and QFP44 packages.


Similar Part No. - AP160

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
logo
Diodes Incorporated
AP1601 DIODES-AP1601 Datasheet
167Kb / 12P
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
logo
Asahi Kasei Microsystem...
AP1601 AKM-AP1601 Datasheet
919Kb / 22P
LED light control IC, dimmer compatible
logo
Anachip Corp
AP1601M10 ANACHIP-AP1601M10 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1601M10A ANACHIP-AP1601M10A Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
More results

Similar Description - AP160

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R06A-1 HOLTEK-HT48R06A-1 Datasheet
319Kb / 44P
8-Bit OTP Microcontroller
February 25, 2000
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
8-Bit OTP Microcontroller
August 17, 2001
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
8-Bit Microcontroller with OTP ROM
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
8-Bit Microcontroller with OTP ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
8-Bit Microcontroller with OTP ROM
EM78P176N EMC-EM78P176N Datasheet
1Mb / 64P
8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com