Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S103F3U6TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8S103F3U6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3U6TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8S103F3U6TR Datasheet HTML 18Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 19Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 20Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 21Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 22Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 23Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 24Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 25Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 117 page
background image
Alternate
function after
remap [option
bit]
Default alternate
function
Main
function
(after
reset)
Output
Input
Type
Pin
name
LQFP/
UFQFP
32
SDIP
32
PP
OD
Speed
High
sink
(1)
Ext.
interrupt
wpu
floating
Port F4
X
X
O1
X
X
I/O
PF4
8
13
Port B7
X
X
O1
X
X
X
I/O
PB7
9
14
Port B6
X
X
O1
X
X
X
I/O
PB6
10
15
I
2
C data
Port B5
T
(3)
O1
X
X
I/O
PB5/
I
2
C_SDA
11
16
I
2
C clock
Port B4
T
(3)
O1
X
X
I/O
PB4/
I
2
C_SCL
12
17
Analog input 3/ Timer
1 external trigger
Port B3
X
X
O3
HS
X
X
X
I/O
PB3/AIN3/
TIM1_ETR
13
18
Analog input 2/ Timer
1 - inverted channel 3
Port B2
X
X
O3
HS
X
X
X
I/O
PB2/AIN2/
TIM1_CH3N
14
19
Analog input 1/ Timer
1 - inverted channel 2
Port B1
X
X
O3
HS
X
X
X
I/O
PB1/AIN1/
TIM1_CH2N
15
20
Analog input 0/ Timer
1 - inverted channel 1
Port B0
X
X
O3
HS
X
X
X
I/O
PB0/AIN0/
TIM1_CH1N
16
21
SPI master/slave
select
Port E5
X
X
O3
HS
X
X
X
I/O
PE5/
SPI_NSS
17
22
Timer 1 - channel 1
UART1 clock
Port C1
X
X
O3
HS
X
X
X
I/O
PC1/
TIM1_CH1/
UART1_CK
18
23
Timer 1 - channel 2
Port C2
X
X
O3
HS
X
X
X
I/O
PC2/
TIM1_CH2
19
24
Timer 1 - channel 3
Port C3
X
X
O3
HS
X
X
X
I/O
PC3/
TIM1_CH3
20
25
Timer 1 - channel 4
/configurable clock
output
Port C4
X
X
O3
HS
X
X
X
I/O
PC4/
TIM1_CH4/
CLK_CCO
21
26
SPI clock
Port C5
X
X
O3
HS
X
X
X
I/O
PC5/
SPI_SCK
22
27
SPI master out/slave
in
Port C6
X
X
O3
HS
X
X
X
I/O
PC6/
SPI_MOSI
23
28
DocID15441 Rev 9
22/117
STM8S103K3 STM8S103F3 STM8S103F2
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com