Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S103F3U6TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8S103F3U6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3U6TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8S103F3U6TR Datasheet HTML 19Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 20Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 21Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 22Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 23Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 24Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 25Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 26Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 117 page
background image
Alternate
function after
remap [option
bit]
Default alternate
function
Main
function
(after
reset)
Output
Input
Type
Pin
name
LQFP/
UFQFP
32
SDIP
32
PP
OD
Speed
High
sink
(1)
Ext.
interrupt
wpu
floating
SPI master in/ slave
out
Port C7
X
X
O3
HS
X
X
X
I/O
PC7/
SPI_MISO
24
29
Configurable
clock output
[AFR5]
Timer 1 - break input
Port D0
X
X
O3
HS
X
X
X
I/O
PD0/
TIM1_BKIN
[CLK_CCO]
25
30
SWIM data interface
Port D1
X
X
O4
HS
X
X
X
I/O
PD1/
SWIM
26
31
(4)
Timer 2 -
channel
3[AFR1]
Port D2
X
X
O3
HS
X
X
X
I/O
PD2
[TIM2_CH3]
27
32
Timer 2 - channel
2/ADC external
trigger
Port D3
X
X
O3
HS
X
X
X
I/O
PD3/
TIM2_CH2/
ADC_ETR
28
1
Timer 2 - channel
1/BEEP output
Port D4
X
X
O3
HS
X
X
X
I/O
PD4/BEEP/
TIM2_CH1
29
2
UART1 data transmit
Port D5
X
X
O3
HS
X
X
X
I/O
PD5/
UART1_TX
30
3
UART1 data receive
Port D6
X
X
O3
HS
X
X
X
I/O
PD6/
UART1_RX
31
4
Timer 1 -
channel 4
[AFR6]
Top level interrupt
Port D7
X
X
O3
HS
X
X
X
I/O
PD7/ TLI
[TIM1_CH4]
32
5
(1)
I/O pins used simultaneously for high current source/sink must be uniformly spaced around the package. In addition, the total
driven current must respect the absolute maximum ratings (see Electrical characteristics).
(2)
When the MCU is in Halt/Active-halt mode, PA1 is automatically configured in input weak pull-up and cannot be used for waking
up the device. In this mode, the output state of PA1 is not driven. It is recommended to use PA1 only in input mode if Halt/Active-halt
is used in the application.
(3)
In the open-drain output column, "T" defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to VDD are not
implemented).
(4)
The PD1 pin is in input pull-up during the reset phase and after internal reset release.
23/117
DocID15441 Rev 9
Pinout and pin description
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com