Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F217VG Datasheet(PDF) 163 Page - STMicroelectronics

Part # STM32F217VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217VG Datasheet(HTML) 163 Page - STMicroelectronics

Back Button STM32F217VG Datasheet HTML 159Page - STMicroelectronics STM32F217VG Datasheet HTML 160Page - STMicroelectronics STM32F217VG Datasheet HTML 161Page - STMicroelectronics STM32F217VG Datasheet HTML 162Page - STMicroelectronics STM32F217VG Datasheet HTML 163Page - STMicroelectronics STM32F217VG Datasheet HTML 164Page - STMicroelectronics STM32F217VG Datasheet HTML 165Page - STMicroelectronics STM32F217VG Datasheet HTML 166Page - STMicroelectronics STM32F217VG Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 175 page
background image
DocID17050 Rev 9
163/175
STM32F21xxx
Revision history
174
25-Nov-2010
3
Added WLCSP66 (64+2) package. Added note 1 related to LQFP176
on cover page.
Update I/Os in Section : Features.
Updated Table 5: Multi-AHB matrix.
Added case of BOR inactivation using IRROFF on WLCSP devices in
Section 3.15: Power supply supervisor.
Reworked Section 3.16: Voltage regulator to clarify regulator off
modes. Added Section 3.19: VBAT operation.
Modified VDD_3 pin in Table 7: STM32F21x pin and ball definitions, and
added note related to the FSMC_NL pin.
Renamed BYPASS-REG REGOFF, and add IRROFF pin.
Changed VSS_SA to VSS, and VDD_SA pin reserved for future use.
Updated maximum HSE crystal frequency to 26 MHz.
USART4/5 renamed UART4/5. USART4 pins renamed UART4 in
Table 7: STM32F21x pin and ball definitions. Updated LIN and IrDA
features for UART4/5 in Table 5: USART feature comparison.
Section 6.2: Absolute maximum ratings: Updated VIN minimum and
maximum values and note for non-five-volt tolerant pins in Table 10:
Voltage characteristics. Updated IINJ(PIN) maximum values and related
notes in Table 11: Current characteristics.
Updated VDDA minimum value in Table 13: General operating
conditions.
Added Note 2 and updated Maximum CPU frequency in Table 14:
Limitations depending on the operating power supply range; and
added Figure 19: Number of wait states versus fCPU and VDD range.
Renamed Brownout Low, medium and High reset thresholds,
Renamed VBORL/VBORM/VBORH, VBOR1/VBOR2/VBOR3 in Table 18:
Embedded reset and power control block characteristics.
Changed fLSI typical value in Table 32: LSI oscillator characteristics.
Added Figure 33: ACCLSI versus temperature.
Changed fOSC_IN maximum value in Table 29: HSE 4-26 MHz
oscillator characteristics.
Changed fPLL_IN maximum value in Table 33: Main PLL
characteristics, and updated jitter parameters in Table 34: PLLI2S
(audio PLL) characteristics.
Section 6.3.16: I/O port characteristics: updated VIH and VIL in
Table 45: I/O static characteristics.
Added Note 1 below Table 46: Output voltage characteristics.
Updated RPD and RPU parameter description in Table 56: USB OTG
FS DC electrical characteristics.
Updated VREF+ minimum value in Table 65: ADC characteristics.
Updated Table 70: Embedded internal reference voltage.
Removed Ethernet and USB2 for 64-pin devices in Table 93: Main
applications versus package for STM32F2xxx microcontrollers.
Added A.2: USB OTG full speed (FS) interface solutions, removed
“OTG FS connection with external PHY” figure, updated Figure 85,
Figure 86, and Figure 87 to add STULPI01B.
Table 93. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com