Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F217VG Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32F217VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217VG Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32F217VG Datasheet HTML 161Page - STMicroelectronics STM32F217VG Datasheet HTML 162Page - STMicroelectronics STM32F217VG Datasheet HTML 163Page - STMicroelectronics STM32F217VG Datasheet HTML 164Page - STMicroelectronics STM32F217VG Datasheet HTML 165Page - STMicroelectronics STM32F217VG Datasheet HTML 166Page - STMicroelectronics STM32F217VG Datasheet HTML 167Page - STMicroelectronics STM32F217VG Datasheet HTML 168Page - STMicroelectronics STM32F217VG Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 175 page
background image
DocID17050 Rev 9
165/175
STM32F21xxx
Revision history
174
22-Apr-2011
4
(continued)
Updated Typical and maximum current consumption conditions, as
well as Table 20: Typical and maximum current consumption in Run
mode, code with data processing running from Flash memory (ART
accelerator disabled) and Table 19: Typical and maximum current
consumption in Run mode, code with data processing running from
Flash memory (ART accelerator enabled) or RAM. Added Figure 21,
Figure 22, Figure 23, and Figure 24.
Updated Table 21: Typical and maximum current consumption in Sleep
mode, and added Figure 25 and Figure 26.
Updated Table 23: Typical and maximum current consumptions in
Standby mode and Table 24: Typical and maximum current
consumptions in VBAT mode.
Updated Table 22: Typical and maximum current consumptions in Stop
mode. Added Figure 27: Typical current consumption vs temperature
in Stop mode.
Updated Table 23: Typical and maximum current consumptions in
Standby mode and Table 24: Typical and maximum current
consumptions in VBAT mode.
Updated On-chip peripheral current consumption conditions and
Table 25: Peripheral current consumption.
Updated tWUSTDBY and tWUSTOP, and added Note 3 in Table 26: Low-
power mode wakeup timings.
Maximum fHSE_ext and minimum tw(HSE) values updated in Table 27:
High-speed external user clock characteristics.
Updated C and gm in Table 29: HSE 4-26 MHz oscillator
characteristics. Updated RF, I2, gm, and tsu(LSE) in Table 30: LSE
oscillator characteristics (fLSE = 32.768 kHz).
Added Note 3 and updated ACCHSI, IDD(HSI) and tsu(HSI) in Table 31:
HSI oscillator characteristics. Added Figure 32: ACCHSI versus
temperature
Updated fLSI, tsu(LSI) and IDD(LSI) in Table 32: LSI oscillator
characteristics.
Table 33: Main PLL characteristics: removed note 1, updated tLOCK,
jitter, IDD(PLL) and IDDA(PLL), added Note 2 for fPLL_IN minimum and
maximum values.
Table 34: PLLI2S (audio PLL) characteristics: removed note 1,
updated tLOCK, jitter, IDD(PLLI2S) and IDDA(PLLI2S), added Note 2 for
fPLLI2S_IN minimum and maximum values.
Added Note 1 in Table 35: SSCG parameters constraint.
Updated Table 36: Flash memory characteristics. Modified Table 37:
Flash memory programming and added Note 1 for tprog. Updated tprog
and added Note 1 in Table 38: Flash memory programming with VPP.
Modified Figure 37: Recommended NRST pin protection.
Updated Table 41: EMI characteristics and EMI monitoring conditions
in Section : Electromagnetic Interference (EMI)g.
Added Note 2 related to VESD(HBM)in Table 42: ESD absolute
maximum ratings.
Added Section 6.3.15: I/O current injection characteristics.
Updated Table 45: I/O static characteristics. Modified maximum
frequency values and conditions in Table 47: I/O AC characteristics.
Table 93. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com