Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2680IPTSQTP Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC18F2680IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680IPTSQTP Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC18F2680IPTSQTP Datasheet HTML 74Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 75Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 76Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 77Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 78Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 79Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 80Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 81Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 76
Preliminary
© 2007 Microchip Technology Inc.
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2585/2680/4585/4680)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
49, 62
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
49, 62
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
49, 62
STKPTR
STKFUL
STKUNF
—
Return Stack Pointer
00-0 0000
49, 63
PCLATU
—
—bit 21(1)
Holding Register for PC<20:16>
---0 0000
49, 62
PCLATH
Holding Register for PC<15:8>
0000 0000
49, 62
PCL
PC Low Byte (PC<7:0>)
0000 0000
49, 62
TBLPTRU
—
—
bit 21
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
49, 103
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
49, 103
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
49, 103
TABLAT
Program Memory Table Latch
0000 0000
49, 103
PRODH
Product Register High Byte
xxxx xxxx
49, 111
PRODL
Product Register Low Byte
xxxx xxxx
49, 111
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
49, 115
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
49, 116
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
49, 117
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
49, 89
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
49, 90
POSTDEC0
Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
N/A
49, 90
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
49, 90
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register),
value of FSR0 offset by W
N/A
49, 90
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High
---- xxxx
49, 89
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
49, 89
WREG
Working Register
xxxx xxxx
49
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
49, 89
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
49, 90
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
49, 90
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
49, 90
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register),
value of FSR1 offset by W
N/A
49, 90
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High
---- xxxx
49, 89
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
49, 89
BSR
—
—
—
—
Bank Select Register
---- 0000
50, 67
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
50, 89
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
50, 90
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
50, 90
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
50, 90
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register),
value of FSR2 offset by W
N/A
50, 90
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High
---- xxxx
50, 89
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
50, 89
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
2:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset
(BOR)”.
3:
These registers and/or bits are not implemented on PIC18F2X8X devices and are read as ‘0’. Reset values are shown for PIC18F4X8X
devices; individual unimplemented bits should be interpreted as ‘—’.
4:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in
INTOSC Modes”.
5:
The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only.
6:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
7:
CAN bits have multiple functions depending on the selected mode of the CAN module.
8:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.
9:
These registers are available on PIC18F4X8X devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com