Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2680IPTSQTP Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC18F2680IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680IPTSQTP Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC18F2680IPTSQTP Datasheet HTML 77Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 78Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 79Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 80Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 81Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 82Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 83Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 84Page - Microchip Technology PIC18F2680IPTSQTP Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 79
PIC18F2585/2680/4585/4680
PORTE(3)
—
—
—
—RE3(5)
RE2(3)
RE1(3)
RE0(3)
---- xxxx
52, 145
PORTD(3)
Read PORTD pins, Write PORTD Data Latch
xxxx xxxx
52, 138
PORTC
Read PORTC pins, Write PORTC Data Latch
xxxx xxxx
52, 135
PORTB
Read PORTB pins, Write PORTB Data Latch
xxxx xxxx
52, 132
PORTA
RA7(6)
RA6(6)
Read PORTA pins, Write PORTA Data Latch
xx00 0000
52, 129
ECANCON
MDSEL1
MDSEL0
FIFOWM
EWIN4
EWIN3
EWIN2
EWIN1
EWIN0
0001 000
52, 280
TXERRCNT
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
0000 0000
52, 285
RXERRCNT
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
0000 0000
52, 293
COMSTAT
Mode 0
RXB0OVFL
RXB1OVFL
TXBO
TXBP
RXBP
TXWARN
RXWARN
EWARN
0000 0000
52, 281
COMSTAT
Mode 1
—
RXBnOVFL
TXBO
TXBP
RXBP
TXWARN
RXWARN
EWARN
-000 0000
52, 281
COMSTAT
Mode 2
FIFOEMPTY
RXBnOVFL
TXBO
TXBP
RXBP
TXWARN
RXWARN
EWARN
0000 0000
52, 281
CIOCON
—
—
ENDRHI
CANCAP
—
—
—
—
--00 ----
52, 314
BRGCON3
WAKDIS
WAKFIL
—
—
—
SEG2PH2
SEG2PH1
SEG2PH0
00-- -000
52, 313
BRGCON2
SEG2PHTS
SAM
SEG1PH2
SEG1PH1
SEG1PH0
PRSEG2
PRSEG1
PRSEG0
0000 0000
52, 312
BRGCON1
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
0000 0000
52, 311
CANCON
Mode 0
REQOP2
REQOP1
REQOP0
ABAT
WIN2(7)
WIN1(7)
WIN0(7)
—(7)
1000 000-
53, 276
CANCON
Mode 1
REQOP2
REQOP1
REQOP0
ABAT
—(7)
—(7)
—(7)
—(7)
1000 ----
53, 276
CANCON
Mode 2
REQOP2
REQOP1
REQOP0
ABAT
FP3(7)
FP2(7)
FP1(7)
FP0(7)
1000 0000
53, 276
CANSTAT
Mode 0
OPMODE2
OPMODE1
OPMODE0
—(7)
ICODE3(7)
ICODE2(7)
ICODE1(7)
—(7)
000- 0000
53, 277
CANSTAT
Modes 1, 2
OPMODE2
OPMODE1
OPMODE0 EICODE4(7) EICODE3(7)
EICODE2(7)
EICODE1(7)
EICODE0(7)
0000 0000
53, 277
RXB0D7
RXB0D77
RXB0D76
RXB0D75
RXB0D74
RXB0D73
RXB0D72
RXB0D71
RXB0D70
xxxx xxxx
53, 292
RXB0D6
RXB0D67
RXB0D66
RXB0D65
RXB0D64
RXB0D63
RXB0D62
RXB0D61
RXB0D60
xxxx xxxx
53, 292
RXB0D5
RXB0D57
RXB0D56
RXB0D55
RXB0D54
RXB0D53
RXB0D52
RXB0D51
RXB0D50
xxxx xxxx
53, 292
RXB0D4
RXB0D47
RXB0D46
RXB0D45
RXB0D44
RXB0D43
RXB0D42
RXB0D41
RXB0D40
xxxx xxxx
53, 292
RXB0D3
RXB0D37
RXB0D36
RXB0D35
RXB0D34
RXB0D33
RXB0D32
RXB0D31
RXB0D30
xxxx xxxx
53, 292
RXB0D2
RXB0D27
RXB0D26
RXB0D25
RXB0D24
RXB0D23
RXB0D22
RXB0D21
RXB0D20
xxxx xxxx
53, 292
RXB0D1
RXB0D17
RXB0D16
RXB0D15
RXB0D14
RXB0D13
RXB0D12
RXB0D11
RXB0D10
xxxx xxxx
53, 292
RXB0D0
RXB0D07
RXB0D06
RXB0D05
RXB0D04
RXB0D03
RXB0D02
RXB0D01
RXB0D00
xxxx xxxx
53, 292
RXB0DLC
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
-xxx xxxx
53, 292
RXB0EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
53, 291
RXB0EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
53, 291
RXB0SIDL
SID2
SID1
SID0
SRR
EXID
—EID17
EID16
xxxx x-xx
53, 291
RXB0SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
53, 290
RXB0CON
Mode 0
RXFUL
RXM1
RXM0(7)
—(7)
RXRTRRO(7) RXBODBEN(7)
JTOFF(7)
FILHIT0(7)
000- 0000
53, 287
RXB0CON
Mode 1, 2
RXFUL
RXM1
RTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
0000 0000
53, 287
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2585/2680/4585/4680) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
2:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset
(BOR)”.
3:
These registers and/or bits are not implemented on PIC18F2X8X devices and are read as ‘0’. Reset values are shown for PIC18F4X8X
devices; individual unimplemented bits should be interpreted as ‘—’.
4:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in
INTOSC Modes”.
5:
The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only.
6:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
7:
CAN bits have multiple functions depending on the selected mode of the CAN module.
8:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.
9:
These registers are available on PIC18F4X8X devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com