Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2N62K3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD2N62K3
Description  N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2N62K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD2N62K3 Datasheet HTML 3Page - STMicroelectronics STD2N62K3 Datasheet HTML 4Page - STMicroelectronics STD2N62K3 Datasheet HTML 5Page - STMicroelectronics STD2N62K3 Datasheet HTML 6Page - STMicroelectronics STD2N62K3 Datasheet HTML 7Page - STMicroelectronics STD2N62K3 Datasheet HTML 8Page - STMicroelectronics STD2N62K3 Datasheet HTML 9Page - STMicroelectronics STD2N62K3 Datasheet HTML 10Page - STMicroelectronics STD2N62K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STB/D/F/P/U2N62K3
Electrical characteristics
Doc ID 018898 Rev 2
7/25
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
3
2
1
0
0
10
VDS(V)
20
(A)
5
15
25
4
5
5V
6V
7V
VGS=10V
AM09184v1
ID
1.5
1.0
0.5
0
0
4
VGS(V)
8
(A)
2
6
2.0
2.5
3.0
3.5
VDS=15V
1
5
3
7
9
AM00889v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
8
10
15
10
VDD=496V
ID=2.2A
12
300
200
100
0
400
500
VDS
AM09186v1
RDS(on)
3.0
2.9
2.8
2.7
0
1.0
ID(A)
(
Ω)
0.5
1.5
3.1
3.2
3.3
VGS=10V
2.0
AM09187v1
C
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM09188v1
Eoss
0.5
0
0
100
VDS(V)
(µJ)
400
1.0
200 300
2.0
500
600
2.5
AM09189v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com