Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2N62K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD2N62K3
Description  N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2N62K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STD2N62K3 Datasheet HTML 1Page - STMicroelectronics STD2N62K3 Datasheet HTML 2Page - STMicroelectronics STD2N62K3 Datasheet HTML 3Page - STMicroelectronics STD2N62K3 Datasheet HTML 4Page - STMicroelectronics STD2N62K3 Datasheet HTML 5Page - STMicroelectronics STD2N62K3 Datasheet HTML 6Page - STMicroelectronics STD2N62K3 Datasheet HTML 7Page - STMicroelectronics STD2N62K3 Datasheet HTML 8Page - STMicroelectronics STD2N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
March 2012
Doc ID 018898 Rev 2
1/25
25
STB2N62K3, STD2N62K3,
STF2N62K3, STP2N62K3, STU2N62K3
N-channel 620 V, 3
Ω, 2.2 A SuperMESH3™ Power MOSFET
in D²PAK, DPAK, TO-220FP, TO-220 and IPAK packages
Datasheet — production data
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitance
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Applications
■ Switching applications
Description
These SuperMESH3™ Power MOSFETs are the
result of improvements applied to
STMicroelectronics’ SuperMESH™ technology,
combined with a new optimized vertical structure.
These devices boast an extremely low on-
resistance, superior dynamic performance and
high avalanche capability, rendering them suitable
for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max
ID
PTOT
STB2N62K3
STD2N62K3
620 V
< 3.6
Ω
2.2 A
45 W
STF2N62K3
20 W
STP2N62K3
STU2N62K3
45 W
3
2
1
1
2
3
DPAK
IPAK
TO-220
TO-220FP
1
3
TAB
1
2
3
TAB
D²PAK
1
3
TAB
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB2N62K3
STD2N62K3
2N62K3
D²PAK
DPAK
Tape and reel
STF2N62K3
STP2N62K3
STU2N62K3
2N62K3
TO-220FP
T0-220
IPAK
Tube
www.st.com


Similar Part No. - STD2N62K3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD2N62K3 VBSEMI-STD2N62K3 Datasheet
1Mb / 9P
Power MOSFET
logo
Inchange Semiconductor ...
STD2N62K3 ISC-STD2N62K3 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STD2N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
N-channel 620 V, 2.2 Ω , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
10-Jul-2008
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
19-May-2006
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
13-Sep-2012
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 1.7 Ω typ., 3.8 A SuperMESH3 Power MOSFET
07-Aug-2012
STB4N62K3 STMICROELECTRONICS-STB4N62K3 Datasheet
1Mb / 18P
N-channel 620 V, 1.7 Ω, 3.8 A SuperMESH3 Power MOSFET
26-Apr-2012
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
20-Oct-2010
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
27-Mar-2012
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
14-Dec-2010
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
14-Dec-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com