Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC339MN Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC339MN
Description  LinCOMS MICROPOWER QUAD COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC339MN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC339MN Datasheet HTML 9Page - Texas Instruments TLC339MN Datasheet HTML 10Page - Texas Instruments TLC339MN Datasheet HTML 11Page - Texas Instruments TLC339MN Datasheet HTML 12Page - Texas Instruments TLC339MN Datasheet HTML 13Page - Texas Instruments TLC339MN Datasheet HTML 14Page - Texas Instruments TLC339MN Datasheet HTML 15Page - Texas Instruments TLC339MN Datasheet HTML 16Page - Texas Instruments TLC339MN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
13
WWW.TI.COM
TYPICAL CHARACTERISTICS†
Figure 12
40
20
10
0
02
4
6
8
10
60
70
80
12
14
16
50
30
90
VDD − Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
100
Outputs Low
No Load
−40
°C
25
°C
85
°C
125
°C
TA = − 55°C
Figure 13
40
20
10
0
025
50
60
70
80
75
100
125
50
30
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Outputs Low
Outputs High
−75
− 50
−25
VDD = 5 V
No Load
Figure 14
3
2
1
0
02
46
8
10
4
5
LOW-TO-HIGH-LEVEL
OUTPUT RESPONSE TIME
vs
SUPPLY VOLTAGE
6
12
14
16
VDD − Supply Voltage − V
5 mV
10 mV
20 mV
40 mV
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
Overdrive = 2 mV
Figure 15
1.5
1
0.5
0
02
468
10
2
2.5
HIGH-TO-LOW-LEVEL
OUTPUT RESPONSE TIME
vs
SUPPLY VOLTAGE
3
12
14
16
VDD − Supply Voltage − V
3.5
4
4.5
5
5 mV
20 mV
10 mV
40 mV
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
Overdrive = 2 mV
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com