Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC339MN Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC339MN
Description  LinCOMS MICROPOWER QUAD COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC339MN Datasheet(HTML) 3 Page - Texas Instruments

  TLC339MN Datasheet HTML 1Page - Texas Instruments TLC339MN Datasheet HTML 2Page - Texas Instruments TLC339MN Datasheet HTML 3Page - Texas Instruments TLC339MN Datasheet HTML 4Page - Texas Instruments TLC339MN Datasheet HTML 5Page - Texas Instruments TLC339MN Datasheet HTML 6Page - Texas Instruments TLC339MN Datasheet HTML 7Page - Texas Instruments TLC339MN Datasheet HTML 8Page - Texas Instruments TLC339MN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
3
WWW.TI.COM
recommended operating conditions
TLC139M, TLC339M
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4
5
16
V
Common-mode input voltage, VIC
0
VDD −1.5
V
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
−55
125
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
TA
TLC139M, TLC339M
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
UNIT
VIC = VICRmin,
VDD = 5 V to 10 V,
25
°C
1.4
5
VIO
Input offset voltage
VIC = VICRmin,
See Note 3
VDD = 5 V to 10 V,
−55
°C to
125
°C
10
mV
IIO
Input offset current
VIC = 2.5 V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
125
°C
15
nA
IIB
Input bias current
VIC = 2.5 V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
125
°C
30
nA
VICR
Common-mode input
25
°C
0 to
VDD −1
V
VICR
Common-mode input
voltage range
−55
°C to
125
°C
0 to
VDD −1.5
V
25
°C
84
CMRR
Common-mode rejection ratio
VIC = VICRmin
125
°C
84
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
−55
°C
84
dB
25
°C
85
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
125
°C
84
dB
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
−55
°C
84
dB
VOL
Low-level output voltage
VID = − 1 V,
IOL = 6 mA
25
°C
300
400
mV
VOL
Low-level output voltage
VID = − 1 V,
IOL = 6 mA
125
°C
800
mV
IOH
High-level output current
VID = − 1 V,
VO = 5 V
25
°C
0.8
40
nA
IOH
High-level output current
VID = − 1 V,
VO = 5 V
125
°C
1
µA
Supply current (four
25
°C
44
80
IDD
Supply current (four
comparators)
Outputs low,
No load
−55
°C to
125
°C
175
µA
† All characteristics are measured with zero common-mode voltage unless otherwise noted.
NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V with a 2.5-k
Ω load to
VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com